Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2284 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 19Page - STMicroelectronics AN2284 Datasheet HTML 20Page - STMicroelectronics AN2284 Datasheet HTML 21Page - STMicroelectronics AN2284 Datasheet HTML 22Page - STMicroelectronics AN2284 Datasheet HTML 23Page - STMicroelectronics AN2284 Datasheet HTML 24Page - STMicroelectronics AN2284 Datasheet HTML 25Page - STMicroelectronics AN2284 Datasheet HTML 26Page - STMicroelectronics AN2284 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AN2284
7 ISO 7816-3 - Electronic Signal and Transmission Protocol
23/40
called SW1 and SW2. These fields return a status code in which one byte is used to specify an
error category and the other is used to specify a command-specific status or error indication.
7.2.2
The File System API
The file system is used on the nonvolatile memory or EEPROM. It is defined as a simple
hierarchical structure (similar to conventional file systems). The file system may contain three
types of files (identified by a 2-byte identifier):
●
Master file (MF)
●
Dedicated file (DF)
●
Elementary file (EF)
There is one master file found on each smart card and it is the root of the file system. A master
file may contain dedicated files or elementary files. The file identifier reserved for the master file
is 3F00. The directory file is essentially a container (or directory) for elementary files - a DF may
contain zero or more EFs. Dedicated files partition the smart card into an ordered structure of
elementary files. A dedicated file must be given a unique file identifier within the dedicated file
or master file that contains it - allowing for a unique path for each file. A dedicated file can also
be referenced by name (1-16 bytes long). The naming convention can be found in ISO 7816-5.
An elementary file is a leaf node in the hierarchy and contains the actual data. An elementary
file can be identified by a 5-bit identifier within a dedicated file. This file system hierarchy is
illustrated in Figure 9.
Figure 9.
The Smart Card File System Architecture
There are four types of elementary files:
●
Transparent file
●
Linear, fixed-length record file
●
Linear, variable-length record file
●
Cyclic, fixed-length record file
A transparent file is essentially a string of bytes i.e. an unstructured binary file. Consequently a
byte offset from the start of the file is required when data is to be read or written to this type of
file. In addition, a command to read or write to a transparent file will contain the length of the
byte string to be read or written to the file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com