Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2284 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 17Page - STMicroelectronics AN2284 Datasheet HTML 18Page - STMicroelectronics AN2284 Datasheet HTML 19Page - STMicroelectronics AN2284 Datasheet HTML 20Page - STMicroelectronics AN2284 Datasheet HTML 21Page - STMicroelectronics AN2284 Datasheet HTML 22Page - STMicroelectronics AN2284 Datasheet HTML 23Page - STMicroelectronics AN2284 Datasheet HTML 24Page - STMicroelectronics AN2284 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AN2284
7 ISO 7816-3 - Electronic Signal and Transmission Protocol
21/40
The ACK byte is a repeat of the INS byte from the command TPDU. If the response does not
reach the reader within a specified time, the reader may initiate a RST sequence to restart the
protocol between the reader and the card. This can be prevented if the reader receives at least
one NULL byte from the card. SW1 informs the reader of the result of the requested instruction.
The values allowed for SW1 are defined as part of the application protocol. Some instructions
require the card to send data to the reader. In this case SW2 is returned to the reader,
triggering the reader to execute a GetResponse command. The card will then return the data
bytes generated by the execution of the previous command.
7.2
Application Level Protocols
The ISO 7816-4 standard addresses two areas of functionality for application software:
●
File system: A set of functions is provided in the form of an API. By using this API
application software on the reader side can access files in the file system.
●
Security functions: These can be used to limit access to application software or to files on
the card.
The T=0 protocol is used to support application-level protocols between the smart card
application and the reader application. These application protocols exchange data structures
called application protocol data units (APDUs). The following diagram illustrates this
architecture:
Figure 6.
Application Communication Architecture
The APDU structure defined by ISO 7816-4 is very similar to the TPDU structure used in the
T=0 protocol. In fact, when an APDU is transported by the T=0 protocol, the elements of the
APDU directly overlay the elements of the TPDU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com