Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2389 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2389
Description  An MCU-based low cost non-inverting buck-boost converter for battery chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2389 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2389 Datasheet HTML 1Page - STMicroelectronics AN2389 Datasheet HTML 2Page - STMicroelectronics AN2389 Datasheet HTML 3Page - STMicroelectronics AN2389 Datasheet HTML 4Page - STMicroelectronics AN2389 Datasheet HTML 5Page - STMicroelectronics AN2389 Datasheet HTML 6Page - STMicroelectronics AN2389 Datasheet HTML 7Page - STMicroelectronics AN2389 Datasheet HTML 8Page - STMicroelectronics AN2389 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2007
Rev 1
1/16
AN2389
Application note
An MCU-based low cost non-inverting
buck-boost converter for battery chargers
Introduction
As the demand for rechargeable batteries increases, so does the demand for battery
chargers. There are different kinds of design solutions available for implementing battery
chargers. Some of them are dedicated hardware based solutions and some are
microcontroller based solutions.
In a microcontroller based solution, you have the flexibility of using the same hardware for
charging different batteries and making only slight changes in the software. But there are
still some challenges and one of the major challenges is to have a suitable input power
supply available. Generally the Buck converter topology is used as a DC- DC converter to
provide the controlled output power supply to the batteries. But in this case a problem may
arise, for example, if you want to charge a 4.2V Li-ion batteries from a 5V supply due to the
presence of the protection diode and other small drops across other components. This drop
is generally about 1V which makes it very difficult to provide 4.2V to the Li-ion batteries
using the buck converter topology.
This application note describes a simple technique for implementing a non-inverting buck-
boost converter which requires only one inductor. This converter is basically the result of
cascading a Buck converter with a Boost converter. This converter can be controlled by two
PWM signals from the microcontroller and can be used as a Buck converter or Boost
converter whenever required. So this solution combined with the flexibility of the ST7
microcontroller can be used to charge a wide range of the batteries using the same
hardware.
The example used in this application note is specific to battery chargers but this DC-DC
converter can be very useful for portable applications in general or any application which
uses rechargeable batteries.
www.st.com


Similar Part No. - AN2389

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
Tire Pressure Monitoring (TPM) System
2004
logo
STMicroelectronics
AN2381 STMICROELECTRONICS-AN2381 Datasheet
736Kb / 47P
low voltage linear accelerometer
15-Jun-2006
AN2383 STMICROELECTRONICS-AN2383 Datasheet
1Mb / 39P
A single plate induction cooker with the ST7FLITE09Y0
23-Sep-2009
AN2384 STMICROELECTRONICS-AN2384 Datasheet
88Kb / 10P
How to size the resonant tank of the Induction Cooking Evaluation Board
05-Sep-2006
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
Power dissipation and its linear derating factor
13-Jun-2006
More results

Similar Description - AN2389

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
logo
THine Electronics, Inc.
THV1021 THINE-THV1021 Datasheet
19Kb / 1P
2ch Buck/Boost Inverting
logo
Power Integrations, Inc...
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
Non-isolated Flyback (Buck/Boost) Converter
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Vincotech
10-FZ07NBA030SM01-P914L53 VINCOTECH-10-FZ07NBA030SM01-P914L53 Datasheet
342Kb / 7P
Buck-Boost for battery management
logo
Recom International Pow...
RBBA3000 RECOM-RBBA3000 Datasheet
1Mb / 8P
Non-isolated buck/boost converter
logo
Vishay Siliconix
SI9121 VISHAY-SI9121_V01 Datasheet
154Kb / 10P
High-Voltage, Non-Isolated Buck-Boost Converter
19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com