Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2389 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2389
Description  An MCU-based low cost non-inverting buck-boost converter for battery chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2389 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2389 Datasheet HTML 8Page - STMicroelectronics AN2389 Datasheet HTML 9Page - STMicroelectronics AN2389 Datasheet HTML 10Page - STMicroelectronics AN2389 Datasheet HTML 11Page - STMicroelectronics AN2389 Datasheet HTML 12Page - STMicroelectronics AN2389 Datasheet HTML 13Page - STMicroelectronics AN2389 Datasheet HTML 14Page - STMicroelectronics AN2389 Datasheet HTML 15Page - STMicroelectronics AN2389 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Test environment and results
AN2389
12/16
I
In above results, we have not added Vsat (0.3V), diode drop (0.5V) and the drop across the
series resistor (connected to measure battery current) as shown in Figure 6 to get the actual
output voltage of the non-inverting buck-boost converter.
For example it is given that Vout (battery voltage) = 4.2V,
but the actual output voltage of the converter is equal to:
Vout 4.2V (Battery Voltage Vbat) + 0.3V(Switch Drop Vsat1)+ 0.5V(Protection Diode Vd2)+
0.4V (Drop across Sense resistor) = 5.4V.
So we are able to achieve 5.4V from a 5V supply thus validating the concept.
Table 2.
Input vs output
Sl No
Vin (V)
Iin (A)
Vout (V)
Iout (A)
1
5
1.23
3.9
1.05
2
5
1.33
4.14
1.05
3
5
1.36
4.2
1.05
4
5
1.27
4.2
0.975
5
5
0.97
4.2
0.80
6
5
0.85
4.2
0.712
7
5
0.65
4.15
0.55
8
5
0.33
4.15
0.28
9
5
0.31
4.15
0.26
10
5
0.16
4.10
0.129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com