Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6465CS Datasheet(PDF) 48 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 48 Page - NEC

Back Button UPD6465CS Datasheet HTML 44Page - NEC UPD6465CS Datasheet HTML 45Page - NEC UPD6465CS Datasheet HTML 46Page - NEC UPD6465CS Datasheet HTML 47Page - NEC UPD6465CS Datasheet HTML 48Page - NEC UPD6465CS Datasheet HTML 49Page - NEC UPD6465CS Datasheet HTML 50Page - NEC UPD6465CS Datasheet HTML 51Page - NEC UPD6465CS Datasheet HTML 52Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
µPD6464A,6465
48
9.
PACKAGE
DRAWINGS
24 PIN PLASTIC SHRINK DIP (300 mil)
S24C-70-300B-2
ITEM
MILLIMETERS
INCHES
B
C
D
F
G
H
J
K
1.778 (T.P.)
3.2±0.3
0.51 MIN.
1.78 MAX.
L
M
0.17
0.25
7.62 (T.P.)
5.08 MAX.
6.4±0.2
N
0~15°
0.50±0.10
0.85 MIN.
R
0.070 MAX.
0.020
0.033 MIN.
0.126±0.012
0.020 MIN.
0.200 MAX.
0.300 (T.P.)
0.252±0.008
0.010
0.007
0~15°
+0.004
–0.003
0.070 (T.P.)
+0.10
–0.05
+0.004
–0.005
A
21.95±0.2
0.864+0.009
–0.008
I
3.45±0.2
0.136+0.008
–0.009
NOTES
1. Controlling dimension
millimeter.
2. Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
3. Item "K" to center of leads when formed parallel.
M
B
R
F
H
M
J
I
G
C
D
N
K
24
13
112
A
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com