Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6465CS Datasheet(PDF) 14 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 14 Page - NEC

Back Button UPD6465CS Datasheet HTML 10Page - NEC UPD6465CS Datasheet HTML 11Page - NEC UPD6465CS Datasheet HTML 12Page - NEC UPD6465CS Datasheet HTML 13Page - NEC UPD6465CS Datasheet HTML 14Page - NEC UPD6465CS Datasheet HTML 15Page - NEC UPD6465CS Datasheet HTML 16Page - NEC UPD6465CS Datasheet HTML 17Page - NEC UPD6465CS Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
µPD6464A,6465
14
2.5
Internal/external Mode Control, Crystal Oscillation Control Command
This command selects the video signal with which a character signal overlaps (internal mode/external mode)
and controls ON/OFF of crystal oscillation.
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
0
E/I
0
XOSC
Crystal oscillation control bit
XOSC
0
1
Function
Oscillation OFF
Oscillation ON
Internal/external mode control bit
E/I
0
1
Function
External video signal mode
Internal video signal mode
•
Crystal oscillation control bit
This bit controls oscillation of the crystal for internal video signal generation. When crystal oscillation is turned
ON and the mode is changed from the external video signal mode to the internal video signal mode, the internal
video signal is selected without the screen disturbed.
When crystal oscillation is turned OFF, the synchronization separation circuit does not operate. Be sure to turn
ON crystal oscillation.
•
Internal/external mode control bit
External video signal mode
: In this mode, character signals are output to the
µPD6464A and 6465, overlapping
the external video signal that is input from external. The overlapped signal is
output to the VBSO pin. If character signals should not be overlapped, set the
display ON/OFF control bit to 0 (Display OFF) with the display control command.
Moreover, a composite synchronization signal (Csync), which synchronizes with
the video signal input from external, is required to be input from the CSYIN pin.
If no Csync exists, input the composite synchronization signal generated from the
input video signal via the composite sync signal separation circuit (refer to 5.
COMPOSITE SYNC. SIGNAL SEPARATION CIRCUIT).
In the timing generator block built in the
µPD6464A and 6465, a horizontal
synchronization signal and a vertical synchronization signal are generated by
separating from a composite synchronization signal synchronously. A reference
signal is generated from these synchronous signals. The reference signal is used
to reset and count the horizontal control block, vertical control block, and output
control block. If Csync is not input, characters may not be displayed because the
reference signal is not generated in the timing generator block.
Internal video signal mode
: In this mode, characters are output overlapping the video signal that is created
in the
µPD6464A and 6465 (e.g., blue back signal) to the VBSO pin. In the internal
video signal mode, characters can be displayed on the screen because horizontal
and vertical synchronization signals are generated in a device, even if no
composite synchronization signal is input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com