Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6465CS Datasheet(PDF) 15 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 15 Page - NEC

Back Button UPD6465CS Datasheet HTML 11Page - NEC UPD6465CS Datasheet HTML 12Page - NEC UPD6465CS Datasheet HTML 13Page - NEC UPD6465CS Datasheet HTML 14Page - NEC UPD6465CS Datasheet HTML 15Page - NEC UPD6465CS Datasheet HTML 16Page - NEC UPD6465CS Datasheet HTML 17Page - NEC UPD6465CS Datasheet HTML 18Page - NEC UPD6465CS Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
µPD6464A,6465
15
2.6
Video Signal Method Control Command
The
µPD6464A, 6465 can select the NTSC, PAL, and PAL-M methods for the internal video signal.
The
µPD6464A can also select the PAL-N method.
When the SECAM method is selected, the internal video signal is output by the PAL method.
D7
D6
D5
D4
D3
D2
D1
D0
01
0
0
1
N/P2Note
N/P1
N/P0
Video signal method control bits
N/P1
N/P0
00
01
11
Function
NTSC
PAL
SECAM
10
PAL-M
N/P2
0
0
0
0
00
PAL-N
1
Setting prohibited
Note Fixed to “0” ( PD6465).
µ
•
Video signal method control bits
These bits can generate internal NTSC, PAL, PAL-M and PAL-N (
µPD6464A only) video signals.
With the SECAM method, however, a color subcarrier from the SECAM color subcarrier input pin (pin 22) is fixed
in the external mode. In the internal mode, an internal PAL video signal is generated.
The internal video signal is generated by using a
×4 multiplier or an external crystal. Use a crystal with a frequency
of 4 fSC for each video signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com