Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2504 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2504
Description  Using STMicroelectronics Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2504 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2504 Datasheet HTML 2Page - STMicroelectronics AN2504 Datasheet HTML 3Page - STMicroelectronics AN2504 Datasheet HTML 4Page - STMicroelectronics AN2504 Datasheet HTML 5Page - STMicroelectronics AN2504 Datasheet HTML 6Page - STMicroelectronics AN2504 Datasheet HTML 7Page - STMicroelectronics AN2504 Datasheet HTML 8Page - STMicroelectronics AN2504 Datasheet HTML 9Page - STMicroelectronics AN2504 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Transient Immunity
AN2504 - Application note
6/14
4
Transient Immunity
The STM1061 device is relatively immune to negative-going VCC transients (glitches). The
graph (see Figure 4) indicates the maximum pulse width a negative VCC transient can have
without asserting output signal, OUT. As the magnitude of the transient increases (further
below the threshold), the maximum allowable pulse width decreases. Any combination of
duration and overdrive which lies under the curve will NOT assert the output signal, OUT.
A 0.1µF bypass capacitor, Cb, mounted as close as possible to the VCC pin provides
additional transient immunity (see Figure 5).
Figure 4.
Maximum Transient Duration vs. Reset Threshold Overdrive
Figure 5.
Additional Transient Immunity
Threshold Overdrive (mV)
AI11123b
0
20
40
60
80
100
120
140
160
1
10
100
1000
10000
VTH– = 3.4V
VTH– = 1.6V
AI12905a
VCC
VCC
Cb
STM1061N
OUT
VSS
Power Good
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com