Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2504 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2504
Description  Using STMicroelectronics Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2504 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2504 Datasheet HTML 1Page - STMicroelectronics AN2504 Datasheet HTML 2Page - STMicroelectronics AN2504 Datasheet HTML 3Page - STMicroelectronics AN2504 Datasheet HTML 4Page - STMicroelectronics AN2504 Datasheet HTML 5Page - STMicroelectronics AN2504 Datasheet HTML 6Page - STMicroelectronics AN2504 Datasheet HTML 7Page - STMicroelectronics AN2504 Datasheet HTML 8Page - STMicroelectronics AN2504 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2007
Rev 1
1/14
AN2504
Application note
Using STMicroelectronics Voltage Detectors
1
Introduction
Voltage detectors are designed to monitor the system supply voltage and assert the output
signal, OUT, every time it goes below a defined voltage threshold.
The major advantages of these circuits are low current consumption and a precise
temperature-compensated voltage reference, VREF (see Figure 1). STMicroelectronics
voltage detectors are also laser programmed to the desired voltage threshold over the range
of 1.6V to 6.0V in 100mV steps and they have a good transient immunity (see Figure 5).
Figure 1.
N-Channel Open Drain Output Block Diagram
Note that voltage detector output state simply indicates if the supply voltage is above or
below a specific threshold, which can be used for early power fail warning.
However microprocessors' inputs require some minimum input pulse width to register the
change of signal on the logical input. In this case we recommend using reset circuits, which
guarantee the minimum pulse width known as reset time-out period. Reset circuits have
some other advantages compared to voltage detectors (e.g. specification across
temperature, better voltage threshold accuracy, and lower temperature coefficient). On the
other hand voltage detectors are usually able to operate at higher voltages, have
lower
current consumption, greater hysteresis and usually a lower price.
The qualities mentioned above cause voltage detectors to be preferentially used in the
following applications:
• Battery Monitoring
• Power-Supply Monitoring • Portable Medical Devices
• Power Fail Detection
• PDAs
• Notebook Computers
•
Back-up Supply Switching
•
Portable/Battery-
Powered Electronics
•
Cell Phones.
AI10482b
VCC
R1
R2
R3
VSS
+
–
VREF
VOUT
www.st.com


Similar Part No. - AN2504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2500-521P ETC1-AN2500-521P Datasheet
39Kb / 1P
AN0625-521P
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
Enhanced sensorless startup control of BLDC motors using ST7FMC
02-Mar-2007
AN2503 STMICROELECTRONICS-AN2503 Datasheet
531Kb / 30P
PDP Power Devices
02-May-2007
AN2507 STMICROELECTRONICS-AN2507 Datasheet
447Kb / 31P
This application note explains the design of a FLASH LED driver using the STCF03 device
19-Apr-2007
More results

Similar Description - AN2504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com