Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2504 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2504
Description  Using STMicroelectronics Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2504 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2504 Datasheet HTML 4Page - STMicroelectronics AN2504 Datasheet HTML 5Page - STMicroelectronics AN2504 Datasheet HTML 6Page - STMicroelectronics AN2504 Datasheet HTML 7Page - STMicroelectronics AN2504 Datasheet HTML 8Page - STMicroelectronics AN2504 Datasheet HTML 9Page - STMicroelectronics AN2504 Datasheet HTML 10Page - STMicroelectronics AN2504 Datasheet HTML 11Page - STMicroelectronics AN2504 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Modifying the Voltage Threshold, VTH–
AN2504 - Application note
8/14
6
Modifying the Voltage Threshold, VTH–
Although the STM1061 voltage thresholds, VTH–, are adjusted in fine steps (100mV), it is
sometimes necessary to make adjustments during prototyping. This can be achieved by
connecting of external divider (see Figure 8). This hook up can be used if the required
threshold of voltage detector is lower than the desired monitored voltage.
To maintain detector accuracy, the current flow through the divider should be significantly
higher than the 0.9µA operating current required by the STM1061. A 90µA bleeder current is
sufficient in most applications.
Figure 8.
Modifying the Voltage Threshold, VTH–
Example:
The voltage on the divider is:
That is why:
The value of R2 resistor is then:
We will choose the nearest values of the resistors (e.g. from E24):
R1 = 18k
Ω, R2 = 2.2kΩ.
AI12910
VSUPPLY
R2
VCC
STM1061N
OUT
VSS
R1
Threshold of STM1061 detector:
VTH– = 1.6V
Desired threshold:
VSUPPLY = 1.8V
Recommended bleeder current:
I = 90µA
R1+R2 is then:
(R1+R2) = VSUPPLY/I = 1.8V/90µA = 20kΩ
V
CC
R1
R
1
R
2
+
--------------------V
SUPPLY
V
TH –
==
R
1
V
TH –
V
SUPPLY
-------------------------R
1
R
2
+
()
1.6V
1.8V
------------20k
Ω
17.7k
Ω
==
=
R
2
20k
Ω 17.7kΩ 2.2kΩ
=
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com