Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2540 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2540
Description  EEPROM emulation in STR91xFxx devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2540 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2540 Datasheet HTML 12Page - STMicroelectronics AN2540 Datasheet HTML 13Page - STMicroelectronics AN2540 Datasheet HTML 14Page - STMicroelectronics AN2540 Datasheet HTML 15Page - STMicroelectronics AN2540 Datasheet HTML 16Page - STMicroelectronics AN2540 Datasheet HTML 17Page - STMicroelectronics AN2540 Datasheet HTML 18Page - STMicroelectronics AN2540 Datasheet HTML 19Page - STMicroelectronics AN2540 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Implementing the EEPROM emulation
AN2540 - Application note
16/25
Figure 6.
Data update flow
3.3.2
EEPROM software description
The user API function naming is the same as in the 1st method routines, the main
differences are shown in the WriteVariable flowchart given in Figure 7.
12 32
DD AA
12 45
DD AA
BC BC
AA AA
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
34
34
55 55
12 32
DD AA
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
12 32
DD AA
12 45
DD AA
BC BC
AA AA
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
Sector0 Sector1
Active sector = sector0
FF FF
FF FF
FF FF
FF FF
32 32
DD AA
22 45
DD AA
BD BD
AA AA
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
54
54
55
55
12 32
DD AA
Add var3
=1232h
Add var3
=1245h
Add var1
=BCBCh
Add var2
=6464h
Erase
sector0
Add var2 =3434h
The most recent data (Last
variable updates) are transferred
from sector0(as full sector) to
sector1 (as empty sector).
Sector0 Sector1
Active sector = sector0
Sector0 Sector1
Active sector = sector0
12
32
DD AA
12
45
DD AA
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
Sector0 Sector1
Active sector = sector0
Sector0 Sector1
Active sector = sector0
Sector0 Sector1
Active sector = sector0
Sector0 Sector1
Active sector = sector0
32 32
DD AA
22 45
DD AA
BD BD
AA AA
64 64
55 55
22 45
DD AA
BD BD
AA AA
FF FF
FF FF
FF FF
54 54
55 55
12 32
DD AA
Sector0 Sector1
Active sector = sector0
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
FF FF
ai14090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com