Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2540 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2540
Description  EEPROM emulation in STR91xFxx devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2540 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2540 Datasheet HTML 17Page - STMicroelectronics AN2540 Datasheet HTML 18Page - STMicroelectronics AN2540 Datasheet HTML 19Page - STMicroelectronics AN2540 Datasheet HTML 20Page - STMicroelectronics AN2540 Datasheet HTML 21Page - STMicroelectronics AN2540 Datasheet HTML 22Page - STMicroelectronics AN2540 Datasheet HTML 23Page - STMicroelectronics AN2540 Datasheet HTML 24Page - STMicroelectronics AN2540 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AN2540 - Application note
Conclusion
23/25
5
Conclusion
The external EEPROM can be replaced by an emulated EEPROM using the on-chip Flash
memory of STR91xFxx devices. With the shorter Flash memory write access time, critical
parameters are stored faster into the emulated EEPROM than into an external serial
EEPROM. However, because the Flash memory needs to be erased before being written,
some form of software management is required to store data into the emulated EEPROM.
Two methods are used to implement an emulated EEPROM: both require a minimum of two
Flash memory sectors of identical size, allocated to non-volatile data. One that is initially
erased and can be programmed byte by byte, and the other that is ready to take over when
the first sector needs to be garbage-collected.
The emulated EEPROM can be used in embedded applications where non-volatile data
storage is required, with a byte, half-word or word granularity. The STR91xFxx on-chip Flash
memory allows 16-bit, half-word programming. Data can however be programmed by bytes
or words by using some software techniques.
For write-intensive applications that use more than two sectors (3 or 4) for the emulated
EEPROM, it is recommended to implement a wear-leveling algorithm to monitor and
distribute the number of write cycles among the sectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com