Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2540 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2540
Description  EEPROM emulation in STR91xFxx devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2540 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2540 Datasheet HTML 1Page - STMicroelectronics AN2540 Datasheet HTML 2Page - STMicroelectronics AN2540 Datasheet HTML 3Page - STMicroelectronics AN2540 Datasheet HTML 4Page - STMicroelectronics AN2540 Datasheet HTML 5Page - STMicroelectronics AN2540 Datasheet HTML 6Page - STMicroelectronics AN2540 Datasheet HTML 7Page - STMicroelectronics AN2540 Datasheet HTML 8Page - STMicroelectronics AN2540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AN2540 - Application note
Embedded Flash memory vs. EEPROM: main differences
5/25
1
Embedded Flash memory vs. EEPROM: main
differences
Before describing the proposed concept for EEPROM emulation, it is important to
remember the main differences between the embedded Flash memory of a microcontroller
and serial external EEPROMs. These differences are the same for any microcontroller (that
is they are not specific to STR91xFxx products). They are summarized in Table 1.
1.1
Difference in write access time
As the Flash memory has a shorter write access time, critical parameters can be stored
faster into the emulated EEPROM than into an external serial EEPROM. The use of the
Flash memory therefore improves the system robustness.
1.2
Difference in writing method
One of the major differences between external and emulated EEPROM for embedded
applications is the writing method.
●
Standalone external EEPROM: once started by the CPU, the writing of a word cannot
be interrupted by a CPU reset. Only a power supply failure can interrupt the writing
process, so properly sizing the decoupling capacitors can secure the write process to a
standalone EEPROM.
●
Emulated EEPROM from an embedded Flash memory: once started by the CPU, the
writing can be interrupted by a power failure and by a CPU reset. This difference should
be analyzed by system designers to understand the possible impact(s) in their
applications, and to determine a proper method to handle them.
Table 1.
Differences between Embedded Flash memory and EEPROM
Feature
External EEPROM
Emulated EEPROM using on-chip Flash
memory
Write time
A few ms
– random byte: 5 to 10 ms
– page: equivalent to a hundred µs per
word (5 to 10 ms per page)
A few µs
(e.g.: 20 µs per 16-bit word)
Erase time
N/A
seconds (e.g.: 1.5 s)
Write method
Once started, is not CPU-dependent,
needs only proper supply.
Once started, is CPU-dependent: a CPU
reset will stop the write process even if the
supply stays within specifications.
Read access
Serial: a hundred µs
random word: 92 µs
page: 22.5 µs/byte
Parallel: a hundred ns
very few CPU cycles per 16-bit word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com