Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2586 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 2Page - STMicroelectronics AN2586 Datasheet HTML 3Page - STMicroelectronics AN2586 Datasheet HTML 4Page - STMicroelectronics AN2586 Datasheet HTML 5Page - STMicroelectronics AN2586 Datasheet HTML 6Page - STMicroelectronics AN2586 Datasheet HTML 7Page - STMicroelectronics AN2586 Datasheet HTML 8Page - STMicroelectronics AN2586 Datasheet HTML 9Page - STMicroelectronics AN2586 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Power supplies
AN2586
6/28
Doc ID 13675 Rev 7
1
Power supplies
1.1
Introduction
The device requires a 2.0 V to 3.6 V operating voltage supply (VDD). An embedded regulator
is used to supply the internal 1.8 V digital power.
The real-time clock (RTC) and backup registers can be powered from the VBAT voltage when
the main VDD supply is powered off.
Figure 1.
Power supply overview
Note:
VDDA and VSSA must be connected to VDD and VSS, respectively.
1.1.1
Independent A/D converter supply and reference voltage
To improve conversion accuracy, the ADC has an independent power supply that can be
filtered separately, and shielded from noise on the PCB.
●
the ADC voltage supply input is available on a separate VDDA pin
●
an isolated supply ground connection is provided on the VSSA pin
When available (depending on package), VREF– must be tied to VSSA.
On 100-pin and 144-pin packages
To ensure a better accuracy on low-voltage inputs, the user can connect a separate external
reference voltage ADC input on VREF+. The voltage on VREF+ may range from 2.4 V to
VDDA.
A/D converter
VDD
VSS
I/O Ring
BKP registers
Temp. sensor
Reset block
Standby circuitry
PLL
(Wakeup logic,
IWDG)
RTC
Voltage regulator
Core
memories'
digital
peripherals
Low voltage detector
(VSSA) VREF–
VDDA domain
VDD domain
1.8 V domain
Backup domain
LSE crystal 32 KHz oscillator
RCC BDCR register
ai14863
(from 2.4 V up to VDDA) VREF+
(VDD) VDDA
(VSS) VSSA
(VDD) VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com