Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2586 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2586
Description  Getting started with STM32F10xxx hardware development
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2586 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2586 Datasheet HTML 4Page - STMicroelectronics AN2586 Datasheet HTML 5Page - STMicroelectronics AN2586 Datasheet HTML 6Page - STMicroelectronics AN2586 Datasheet HTML 7Page - STMicroelectronics AN2586 Datasheet HTML 8Page - STMicroelectronics AN2586 Datasheet HTML 9Page - STMicroelectronics AN2586 Datasheet HTML 10Page - STMicroelectronics AN2586 Datasheet HTML 11Page - STMicroelectronics AN2586 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Power supplies
AN2586
8/28
Doc ID 13675 Rev 7
Figure 2.
Power supply scheme
1.
Optional. If a separate, external reference voltage is connected on VREF+, the two capacitors (100 nF and
1 µF) must be connected.
2.
VREF+ is either connected to VDDA or to VREF.
3.
N is the number of VDD and VSS inputs.
1.3
Reset and power supply supervisor
1.3.1
Power on reset (POR) / power down reset (PDR)
The device has an integrated POR/PDR circuitry that allows proper operation starting from
2V.
The device remains in the Reset mode as long as VDD is below a specified threshold,
VPOR/PDR, without the need for an external reset circuit. For more details concerning the
power on/power down reset threshold, refer to the electrical characteristics in the low-
density, medium-density, high-density, XL-density, and connectivity line STM32F10xxx
datasheets.
Figure 3.
Power on reset/power down reset waveform
VBAT
STM32F10xxx
N × 100 nF
VDD
+ 1 × 10 µF
100 nF + 1 µF
100 nF + 1 µF
(note 1)
Battery
VBAT
VREF+
VDDA
VSSA
VREF–
VDD 1/2/3/.../N
VSS 1/2/3/.../N
VREF
VDD
ai14865b
VDD
POR
PDR
40 mV
hysteresis
Temporization
tRSTTEMPO
RESET
ai14364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com