Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2614 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2614
Description  Serial numbering implementation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2614 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2614 Datasheet HTML 4Page - STMicroelectronics AN2614 Datasheet HTML 5Page - STMicroelectronics AN2614 Datasheet HTML 6Page - STMicroelectronics AN2614 Datasheet HTML 7Page - STMicroelectronics AN2614 Datasheet HTML 8Page - STMicroelectronics AN2614 Datasheet HTML 9Page - STMicroelectronics AN2614 Datasheet HTML 10Page - STMicroelectronics AN2614 Datasheet HTML 11Page - STMicroelectronics AN2614 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Automatic serial number generation in the MCU
AN2614
8/12
●
Prompt for new programming cycle: If the same programming procedure needs to be
repeated for several microcontrollers, a dialog box appears at the end of each
programming cycle and asks if the same programming cycle is to be restarted.
To program an MCU repeatedly, the following boxes should be ticked:
●
Verify after programming
●
Display a popup window when an error occurs
●
Prompt for new programming cycle (optional)
The above assumes that the MCU is blank. If it has to be erased first, the following two
boxes should also be checked:
●
Blank check before programming
●
Erase device memory before programming
If the read-out protection was previously activated, the following box should also be
checked:
●
Unlock protection before a programming cycle
3.2.3
Serial number definition
The serial numbering window can automatically generate and write serial numbers into the
memory of the MCU. Automatic serial numbering is defined by specifying:
●
The memory address where it is to be programmed, for example 1000h
●
The length (in bytes), for example 4
●
The starting value: Any value specified by the customer, for example 00000000h
–
This is the serial number to be programmed in the MCU
●
The step increment value: Any value specified by the customer, for example 1122h
Serial number settings are shown in Figure 2: Serial number settings on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com