Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2614 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2614
Description  Serial numbering implementation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2614 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2614 Datasheet HTML 1Page - STMicroelectronics AN2614 Datasheet HTML 2Page - STMicroelectronics AN2614 Datasheet HTML 3Page - STMicroelectronics AN2614 Datasheet HTML 4Page - STMicroelectronics AN2614 Datasheet HTML 5Page - STMicroelectronics AN2614 Datasheet HTML 6Page - STMicroelectronics AN2614 Datasheet HTML 7Page - STMicroelectronics AN2614 Datasheet HTML 8Page - STMicroelectronics AN2614 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2007
Rev 1
1/12
AN2614
Application note
Serial numbering implementation
Introduction
It is common practice to give appliances a unique serial or identification number.
This serial number is located in the external memory of the device, for example in EEPROM,
but it can also be programmed with the MCU software, inside the MCU program memory
array.
In some cases, the serial number should remain secret and unreadable to external devices.
In other cases, it should be readable from the MCU by a remote PC through any interface
specified by the manufacturer (for example, SCI).
This application note provides technical details on the software and tools associated with
implementing a serial numbering technique. Some hints have been taken from the on-line
help of the STVP7 visual programming software tool.
C language examples are provided which are ready to be added to the source code if
compiled with a Metrowerks C compiler (such as old Hiware, Panta or Codewarrior). The
examples provide may also be ported to other C compilers.
The examples can be applied to any ST7 microcontrollers which is equipped with non
volatile memory.
www.st.com


Similar Part No. - AN2614

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26102A PANASONICBATTERY-AN26102A Datasheet
379Kb / 16P
SiGe Linear Power Amplifier for 2.4 GHz Band Applications
AN26102A PANASONICBATTERY-AN26102A_14 Datasheet
187Kb / 1P
SiGe Bi-CMOS Monolithic IC, WLCSP PKG Power Amplifi er
logo
Panasonic Semiconductor
AN26112A PANASONIC-AN26112A Datasheet
366Kb / 14P
VHF/UHF amplifier IC with Path Through mode for TV Applications
logo
STMicroelectronics
AN2612 STMICROELECTRONICS-AN2612 Datasheet
1Mb / 28P
Single 5-V DC power supply
R2A.
logo
Panasonic Semiconductor
AN26130A PANASONIC-AN26130A Datasheet
476Kb / 16P
Loop through Amplifier IC for VHF & UHF Band (40 MHz to 900 MHz) Applications
More results

Similar Description - AN2614

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9720 FAIRCHILD-AN-9720 Datasheet
236Kb / 7P
Power Path Implementation Tradeoffs
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
Part Numbering/Ordering Information
25-Sep-12
VJ1206A102JXACW1BC VISHAY-VJ1206A102JXACW1BC Datasheet
46Kb / 2P
Part Numbering/Ordering Information
25-Sep-12
logo
List of Unclassifed Man...
7W-75.000MBB-T ETC2-7W-75.000MBB-T Datasheet
552Kb / 1P
OSCILLATOR Part Numbering System
UF3H3-700 ETC2-UF3H3-700 Datasheet
660Kb / 2P
Model Numbering System
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
Implementation Guide
logo
STMicroelectronics
AN626 STMICROELECTRONICS-AN626 Datasheet
157Kb / 5P
Serial EEPROM product numbering
17-Feb-2015
logo
ECS, Inc.
ECS-100-18-4B ECS-ECS-100-18-4B Datasheet
959Kb / 2P
Crystal Part Numbering Guide
logo
Analog Devices
AD5676 AD-AD5676 Datasheet
1Mb / 28P
Easy implementation
Rev. B
logo
Laird Tech Smart Techno...
MSD50NBT LSTD-MSD50NBT Datasheet
1Mb / 38P
Added section numbering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com