Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2682 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2682
Description  This application note describes how to interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2682 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2682 Datasheet HTML 1Page - STMicroelectronics AN2682 Datasheet HTML 2Page - STMicroelectronics AN2682 Datasheet HTML 3Page - STMicroelectronics AN2682 Datasheet HTML 4Page - STMicroelectronics AN2682 Datasheet HTML 5Page - STMicroelectronics AN2682 Datasheet HTML 6Page - STMicroelectronics AN2682 Datasheet HTML 7Page - STMicroelectronics AN2682 Datasheet HTML 8Page - STMicroelectronics AN2682 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2008
Rev 1
1/15
AN2682
Application note
Connecting I2S audio devices to
the STR7/STR9 MCU
Introduction
This application note describes how to interface the STR7xx SPI peripheral with an audio
device (Codec, ADC, DAC, filter...) using the I2S protocol via an external interface consisting
of a low cost small CPLD. The design is referenced to the I2S protocol specification, so any
I2S device is able to interface with the STR7xx and STR91x MCU through this bridge.
To avoid using extra hardware, an I2S solution could be implemented entirely by firmware
but this would put a huge load on the CPU. The SPI to I2S bridge solution proposed in this
application note is made with a very low cost hardware (about 1$) using a CPLD with less
than 32 macrocells and a minimum of firmware overhead. Only one Timer (one Output
Compare), 6 GPIOs and the DMA peripheral are used. The DMA available on STR75x and
STR91x allows the CPU to be totally free for other tasks, and on STR71x the CPU load is
3.9% at 32 MHz MCLK frequency. The footprint is less than 5 Kbytes in Thumb mode.
The example CPLD described in this application note was built for the STR71x and STR750
microcontrollers but can be easily tailored to the STR91x or STM32.
www.st.com


Similar Part No. - AN2682

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2680 STMICROELECTRONICS-AN2680 Datasheet
131Kb / 15P
Fan speed controller based on STDS75 or STLM75 digital
06-Feb-2008
AN2683 STMICROELECTRONICS-AN2683 Datasheet
598Kb / 38P
Compact dual output point of load converter
15-Apr-2008
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
The STEVAL-IFP006V1 demonstration board has been developed
20-May-2009
AN2686 STMICROELECTRONICS-AN2686 Datasheet
525Kb / 11P
Using the STVM100 to fully auto adjust LCD flicker
16-May-2008
AN2687 STMICROELECTRONICS-AN2687 Datasheet
400Kb / 22P
STM8S20xxx LCD software driver
17-Apr-2009
More results

Similar Description - AN2682

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
This application note describes
03-Jun-2008
AN2512 STMICROELECTRONICS-AN2512 Datasheet
668Kb / 38P
This application note describes how to design
17-Apr-2007
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
This Application Note describes
AN1633 STMICROELECTRONICS-AN1633 Datasheet
68Kb / 9P
This application note describes how to implement
AN3117 STMICROELECTRONICS-AN3117 Datasheet
421Kb / 28P
This application note describes how to use the direct memory access
21-Nov-2012
AN3311 STMICROELECTRONICS-AN3311 Datasheet
2Mb / 58P
This application note describes
14-Dec-2010
AN4570 STMICROELECTRONICS-AN4570 Datasheet
574Kb / 46P
This application note describes how to use the high-density
28-Jan-2015
AN4640 STMICROELECTRONICS-AN4640 Datasheet
397Kb / 19P
This application note describes how peripherals
19-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com