Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2857 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 2Page - STMicroelectronics AN2857 Datasheet HTML 3Page - STMicroelectronics AN2857 Datasheet HTML 4Page - STMicroelectronics AN2857 Datasheet HTML 5Page - STMicroelectronics AN2857 Datasheet HTML 6Page - STMicroelectronics AN2857 Datasheet HTML 7Page - STMicroelectronics AN2857 Datasheet HTML 8Page - STMicroelectronics AN2857 Datasheet HTML 9Page - STMicroelectronics AN2857 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Power consumption factors
AN2857
6/31
Doc ID 15241 Rev 3
1
Power consumption factors
In complementary metal oxide semiconductor (CMOS) digital logic devices, power
consumption is a sum of:
●
Static power (caused mainly by transistor polarization and leakage)
●
Dynamic power which depends on the supply voltage and the clock frequency through
the formula: Dynamic power = C V2 f, where:
–
C is the CMOS load capacitance
–
V is the supply voltage
–
f is the clock frequency.
Static consumption is negligible compared to dynamic consumption when the clock is
running. In some low-power modes, when no clock is running, static consumption is the
main consumption source.
Power consumption thus depends on:
●
Microcontroller unit (MCU) chip size: Technology used, number of transistors,
analog features/peripherals embedded and used.
●
MCU supply voltage: The amount of current used in CMOS logic is directly
proportional to the voltage of the power supply squared . Thus, power consumption
may be reduced by lowering the MCU supply voltage.
●
Clock frequency: Power consumption may be reduced by decreasing the clock
frequency when fast processing is not required by the application.
●
Number of active peripherals or MCU features used (CSS, BOR, PVD,...): The
greater the number of active peripherals or features, the greater the power consumed.
●
Operating mode: Power consumption varies depending on the mode a particular
application is running in (CPU on/off, oscillator on/off,...).
For an application powered by a battery, consumption is very important. Usually, average
consumption should be below a certain target to ensure an optimum battery lifetime. This
means that an application can consume more for short periods of time and keep its average
current consumption below the target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com