Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2857 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 21Page - STMicroelectronics AN2857 Datasheet HTML 22Page - STMicroelectronics AN2857 Datasheet HTML 23Page - STMicroelectronics AN2857 Datasheet HTML 24Page - STMicroelectronics AN2857 Datasheet HTML 25Page - STMicroelectronics AN2857 Datasheet HTML 26Page - STMicroelectronics AN2857 Datasheet HTML 27Page - STMicroelectronics AN2857 Datasheet HTML 28Page - STMicroelectronics AN2857 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AN2857
Power consumption and wakeup time measurements and results
Doc ID 15241 Rev 3
25/31
Figure 7.
Wakeup time measurement diagram
5.2.2
Wakeup time results
In most of cases, power supply voltage has no effect on wakeup time. The minus sign (-) in
Table 11 to Table 14 below indicates that the wakeup time is the same for both power supply
voltages.
5.2.3
Wakeup time results in wait mode
The wakeup time from wait mode is not always the same because the wakeup event is
synchronized with the CPU clock. The variation range is about one period of the CPU clock.
Data given in Table 11 are maximum values.
External event
Output pin
fCPU
tWKU
Execution of
ld A, #$02
ai15050
Table 11.
Wakeup time results in wait mode
Symbol
Parameter
Condition
VDD = 3.3 V
(1)
1.
The minus sign (-) indicates that the wakeup time is the same as for VDD = 5 V.
VDD = 5 V
Unit
tWU(WFI)
Wakeup time
from wait
mode
HSE crystal
fCPU = FMASTER = 24 MHz
-1.0
µs
HSE crystal
fCPU = FMASTER = 16 MHz
-0.75
HSE crystal
fCPU = FMASTER = 8 MHz
-1.4
HSE crystal
fCPU = FMASTER = 4 MHz
-2.7
HSI
fCPU = FMASTER = 16 MHz
-0.75
HSI
fCPU = FMASTER/128 = 125 kHz
-80
LSI
fCPU = FMASTER = 128 kHz
-94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com