Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2857 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 6Page - STMicroelectronics AN2857 Datasheet HTML 7Page - STMicroelectronics AN2857 Datasheet HTML 8Page - STMicroelectronics AN2857 Datasheet HTML 9Page - STMicroelectronics AN2857 Datasheet HTML 10Page - STMicroelectronics AN2857 Datasheet HTML 11Page - STMicroelectronics AN2857 Datasheet HTML 12Page - STMicroelectronics AN2857 Datasheet HTML 13Page - STMicroelectronics AN2857 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Clock management
AN2857
10/31
Doc ID 15241 Rev 3
Figure 2.
Clock tree
The read-only CLK_CMSR register contains the current selection of master clock sources
(for core and peripherals). Selection of the ‘next’ master clock is made through the writable
CLK_SWR register, the content of which is copied into the CLK_CMSR register once the
change is effective (see details below). Refer to Table 2 for clock selection values.
HSE OSC
1 - 24 MHz
HSE ext
OSCOUT
CSS
OSCIN
EXTCLK
OPTION bit
HIS RC
16
MHz
LSI RC
128
kHz
HSIDIV[1:0]
/8
/
4
/
2
/
1
Master
clock
switch
/1
/2
/4
/8
/16
/32
/64
/128
CKM[7:0]
CPUDIV[2:0]
fCPU
fHSE
fHSI
fHSIDIV
fLSI
Peripheral clock
enable(11 bits)
To peripherals
To CPU and
window watchdog
To auto wakeup
and independent
watchdog
Prescaler
PRSC[1:0]
OPTION bits
CKAWUSEL
OPTION bit
/1, /2, ../8
CANDIV[2:0]
To beCAN
fHSI
fHSIDIV
fHSE
fLSI
fMASTER
fCPU
fCPU/2
fCPU/4
fCPU/8
fCPU/16
fCPU/32
fCPU/64
CCOSEL[3:0]
CCO
Configurable clock output
ai15045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com