Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2866 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 4Page - STMicroelectronics AN2866 Datasheet HTML 5Page - STMicroelectronics AN2866 Datasheet HTML 6Page - STMicroelectronics AN2866 Datasheet HTML 7Page - STMicroelectronics AN2866 Datasheet HTML 8Page - STMicroelectronics AN2866 Datasheet HTML 9Page - STMicroelectronics AN2866 Datasheet HTML 10Page - STMicroelectronics AN2866 Datasheet HTML 11Page - STMicroelectronics AN2866 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Calculating the antenna coil inductance
AN2866
8/24
3
Calculating the antenna coil inductance
The resonant frequency f0 of a parallel resonant LC circuit can be calculated by:
The coil inductance at the carrier frequency resonance is:
.
The quality factor Q of the simplified circuit is calculated as follows:
.
Example of the calculation of an antenna coil inductance:
Figure 7 describes the steps of the antenna design procedure that gives an easy and
reliable method of designing an antenna coil prototype.
This procedure uses the Ctun capacitance of the chip, a software tool called antenne.exe,
and tools to produce antenna coil prototypes.
By determining dimensions and values, the execution of the first run gives the best out of
three coils meeting the requirements. Usually, the best results appear after the second run.
Table 1.
Antenna coil inductances for different Ctun values at a given tuning
frequency
Product
Ctun (pF)
Tuning frequency
(MHz)
Antenna coil inductance (µH)
LR (long-range)
21
13.56
6.56
28.5
13.56
4.83
23.5
13.56
5.86
97
13.56
1.42
SR (short range)
64
13.56
2.15
64
14.40
1.90
f
0
1
2
π L
ant
C
tun
⋅
-----------------------------------------
=
L
ant
1
2
πf
0
()
2
C
tun
⋅
--------------------------------------
=
Q
R
eq
2
π f
0
L
ant
⋅⋅
------------------------------------
=
L
ant
1
2
π 13.56 MHz
×
()
2
21 pF
⋅
-------------------------------------------------------------------------
6.56 µH
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com