Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2866 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 10Page - STMicroelectronics AN2866 Datasheet HTML 11Page - STMicroelectronics AN2866 Datasheet HTML 12Page - STMicroelectronics AN2866 Datasheet HTML 13Page - STMicroelectronics AN2866 Datasheet HTML 14Page - STMicroelectronics AN2866 Datasheet HTML 15Page - STMicroelectronics AN2866 Datasheet HTML 16Page - STMicroelectronics AN2866 Datasheet HTML 17Page - STMicroelectronics AN2866 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Contactless measurement method
AN2866
14/24
5
Contactless measurement method
This section describes a contactless verification method of antenna coil prototypes. The
results presented here are based on a short-range (SR) tag antenna initially designed to
have the following characteristics:
●
Antenna dimensions: 38 mm × 38 mm (A3)
●
Tuning frequency: 14.4 MHz
5.1
Antenna coil prototype verification with an analyzer
Equipment needed:
●
Impedance analyzer
●
Prototype antenna coil
●
Reference capacitor
The equivalent circuit of the antenna coil can be determined using the appropriate
measuring instruments (see Figure 12) and following the instructions described in
Section 5.1.2.
5.1.1
Preparing the equipment and connections
The reference capacitor is used to simulate the presence of the chip on the prototype coil.
Connect it to the coil using an appropriate test fixture (to have as little interference as
possible). The coil is now ready for measurements.
This example measurement uses the 7405-901 Eaton/Alitech (singer) 6 cm loop probe
connected to the reflection interface of the Hp 8712ET network analyzer.
Figure 12.
Measurement equipment
5.1.2
Instructions
The network analyzer must be in reflection mode.
Measurement conditions (case of a short-range RFID tag):
●
Start frequency: 10 MHz
End frequency: 15 MHz
●
Power: –10 dB (which is the minimum detection level, the lowest field required to power
the chip)
The coil must be in the field generated by the network analyzer via the loop probe
(measurements made at about 0.5 cm from the probe).
Network analyser
Loop probe
Antenna coil prototype
+ reference capacitor
ai15816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com