Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2866 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2866 Datasheet HTML 1Page - STMicroelectronics AN2866 Datasheet HTML 2Page - STMicroelectronics AN2866 Datasheet HTML 3Page - STMicroelectronics AN2866 Datasheet HTML 4Page - STMicroelectronics AN2866 Datasheet HTML 5Page - STMicroelectronics AN2866 Datasheet HTML 6Page - STMicroelectronics AN2866 Datasheet HTML 7Page - STMicroelectronics AN2866 Datasheet HTML 8Page - STMicroelectronics AN2866 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
January 2009
Rev 1
1/24
AN2866
Application note
How to design a 13.56 MHz
customized tag antenna
Introduction
RFID (radio-frequency identification) tags extract all of their power from the reader’s field.
The tags’ and reader’s antennas form a system of coupled inductances as shown in
Figure 1. The loop antenna of the tag acts as a transformer’s secondary.
The efficient transfer of energy from the reader to the tag depends on the precision of the
parallel resonant RLC loop antennas tuned to the carrier frequency (usually 13.56 MHz).
The purpose of this application note is to give a step-by-step procedure to easily design a
customized tag antenna.
Figure 1.
RFID tag coupled to a reader’s magnetic field
Figure 2.
An antenna designed for a specific chip and frequency
ai15802
Tag
Reader
ai15802
Antenna
Chip
www.st.com


Similar Part No. - AN2866

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2860 STMICROELECTRONICS-AN2860 Datasheet
268Kb / 17P
EMC guidelines for STM8 microcontrollers
06-Nov-2012
AN2862 STMICROELECTRONICS-AN2862 Datasheet
164Kb / 7P
Demonstration board user guidelines for the TS2007FC
06-Feb-2009
AN2863 STMICROELECTRONICS-AN2863 Datasheet
205Kb / 13P
Smart inductive proximity switch with SPT01-335DEE
10-Feb-2010
AN2864 STMICROELECTRONICS-AN2864 Datasheet
1Mb / 29P
VIPER17L demonstration board with wide-range
12-Jul-2009
AN2865 STMICROELECTRONICS-AN2865 Datasheet
211Kb / 17P
STUSBCD01B configuration and operation
21-Sep-2009
More results

Similar Description - AN2866

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
125 kHz RFID Chip for Cards and Tags
logo
STMicroelectronics
AN439 STMICROELECTRONICS-AN439 Datasheet
464Kb / 16P
The use of TRIACs is limited by their switching behavior
07-Mar-2008
AN1966 STMICROELECTRONICS-AN1966 Datasheet
184Kb / 14P
In most of their applications
11-Oct-2007
logo
CITIZEN ELECTRONICS CO....
CFS-308 CITIZEN-CFS-308 Datasheet
139Kb / 2P
Because of their excellent shock resistance
CMR250T CITIZEN-CMR250T Datasheet
116Kb / 2P
Because of their excellent shock resistance
logo
STMicroelectronics
ST25-TAG-BAG-UB STMICROELECTRONICS-ST25-TAG-BAG-UB Datasheet
5Mb / 3P
Set of ST25TA and ST25TV series NFC tags
Rev 1 - April 2021
logo
SparkFun Electronics
WRL-14147 SPARKFUN-WRL-14147 Datasheet
161Kb / 1P
UHF RFID Tag (Set of 5)
2/27/2017
WRL-14151 SPARKFUN-WRL-14151 Datasheet
96Kb / 1P
UHF RFID Tag - Adhesive (Set of 5)
2/27/2017
WRL_14147 SPARKFUN-WRL_14147 Datasheet
161Kb / 1P
UHF RFID Tag (Set of 5)
2/27/2017
logo
STMicroelectronics
ST25-TAG-BAG-EC STMICROELECTRONICS-ST25-TAG-BAG-EC Datasheet
124Kb / 3P
Set of ST25TV and ST25TN series NFC tags
18-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com