Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3123 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3123
Description  Using the UART interfaces in the SPEAr embedded MPU family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3123 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3123 Datasheet HTML 2Page - STMicroelectronics AN3123 Datasheet HTML 3Page - STMicroelectronics AN3123 Datasheet HTML 4Page - STMicroelectronics AN3123 Datasheet HTML 5Page - STMicroelectronics AN3123 Datasheet HTML 6Page - STMicroelectronics AN3123 Datasheet HTML 7Page - STMicroelectronics AN3123 Datasheet HTML 8Page - STMicroelectronics AN3123 Datasheet HTML 9Page - STMicroelectronics AN3123 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
UART signals
AN3123
6/30
Doc ID 16862 Rev 2
In SPEAr300, the device offers several different PL_GPIO sharing modes. Different
blocks/IPs are available in different configuration modes.
This has an effect on the above mentioned UART signals also. Not all SPEAR300 UART
signals in Table 3 are available in all configurations.
This is because for many applications UART is used in NULL modem mode and only
UART_RX & UART_TX are sufficient.
There are 13 possible UART configurations in SPEAr300 which can be selected by RAS
control register 2.
In configuration 1 & configuration 2, the UART with modem control lines is available.
In configurations 3 to 13, the UART without modem control lines is available (see Table 6).
Note:
On PL_GPIO[3] and PL_GPIO[2] UART_RX and UART_TX are multiplexed with external
memory controller (FSMC) signals /E3 and /E4 respectively.
2.3
SPEAr310
In SPEAr310 the external pin connections of UART1 are the same as in SPEAr300.
You can configure the device to have either
●
up to 6 UARTs without modem control lines or
●
1 UART with modem control lines.
Refer to Table 3.
Table 5.
UART configurations for SPEAr300
Signal
Configuration 1
Configuration 2
Configurations 3 to 13
PL_GPIO[42]
UART_DTR
UART_DTR
-
PL_GPIO[41]
UART_RI
UART_RI
-
PL_GPIO[40]
UART_DSR
UART_DSR
-
PL_GPIO[39]
UART_DCD
UART_DCD
-
PL_GPIO[38]
UART_CTS
UART_CTS
-
PL_GPIO[37]
UART_RTS
UART_RTS
-
PL_GPIO[3]
UART_RX
UART_RX
UART_RX
PL_GPIO[2]
UART_TX
UART_TX
UART_TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com