Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3123 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3123
Description  Using the UART interfaces in the SPEAr embedded MPU family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3123 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3123 Datasheet HTML 17Page - STMicroelectronics AN3123 Datasheet HTML 18Page - STMicroelectronics AN3123 Datasheet HTML 19Page - STMicroelectronics AN3123 Datasheet HTML 20Page - STMicroelectronics AN3123 Datasheet HTML 21Page - STMicroelectronics AN3123 Datasheet HTML 22Page - STMicroelectronics AN3123 Datasheet HTML 23Page - STMicroelectronics AN3123 Datasheet HTML 24Page - STMicroelectronics AN3123 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN3123
UART modem operation
Doc ID 16862 Rev 2
21/30
9
UART modem operation
The UART can support both data terminal equipment (DTE) and data communication
equipment (DCE) modes of operation. Table 13 gives a description of the signals in each
mode.
Two dedicated "modem control" wires are used in hardware flow control to send the "stop"
and "start" signals. When the computer is ready to receive data it asserts RTS by putting a
positive voltage on the RTS pin. When the computer is not able to receive any more bytes, it
negates RTS by asserting a negative voltage on the pin. The RTS pin is connected by the
serial cable to another pin on the modem. This other pin's only function is to receive this
signal.
This "other" pin will be the modem's RTS pin. For a modem, a straight-thru cable is used.
For the opposite direction of flow a similar scheme is used. The CTS pin is used to send the
flow control signal to the CTS pin on the PC.
Thus modems and non-modems have the roles of their RTS and CTS pins interchanged.
RS-232 hardware handshaking has ben specified in terms of communication between Data
Terminal Equipment (DTE) and Data Communications Equipment (DCE).
Most RS-232 connections use 9-pin DSUB connectors. A DTE uses a male connector and a
DCE uses a female connector.
Table 13.
Modem input/output signals in DTE and DCE modes
Signal
Description
DTE
DCE
nUARTCTS
Clear to Send
Request to Send
nUARTDSR
Data Set Ready
Data Terminal Ready
nUARTDCD
Data Carrier Detect
-
nUARTRI
Ring Indicator
-
nUARTRTS
Request to Send
Clear to Send
nUARTDTR
Data Terminal ready
Data Set Ready
nUARTOUT1
-
Data Carrier Detect
nUARTOUT2
-
Ring Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com