Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3123 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3123
Description  Using the UART interfaces in the SPEAr embedded MPU family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3123 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3123 Datasheet HTML 21Page - STMicroelectronics AN3123 Datasheet HTML 22Page - STMicroelectronics AN3123 Datasheet HTML 23Page - STMicroelectronics AN3123 Datasheet HTML 24Page - STMicroelectronics AN3123 Datasheet HTML 25Page - STMicroelectronics AN3123 Datasheet HTML 26Page - STMicroelectronics AN3123 Datasheet HTML 27Page - STMicroelectronics AN3123 Datasheet HTML 28Page - STMicroelectronics AN3123 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AN3123
OS-independent SPEAr UART HAL
Doc ID 16862 Rev 2
25/30
Apart from the above table, if any other option is given then it is an invalid word length
option.
●
StopBitSelect: If it is already zero then OneStopBit. If it is equal to STOP2 then two stop
bits otherwise invalid stop bit select.
●
FIFOStatus: Its valid inputs are FIFO_Enable or FIFO_Disable (already zero),
otherwise it is a case of invalid FIFO status.
●
TxWatermarkLevel: The interrupt FIFO level is already set to 1/8
●
RxWatermarkLevel: The Interrupt FIFO Level is already set to 1/8
10.5
UART_Transmit()
This API allows to start transmit a given number of characters. It writes character by
character.
t_UARTError UART_Transmit(struct spear_uart_config *dev, u32
NumOfCharToTx, char *Buffer)
●
NumOfCharToTx: This is the number of characters to be transmitted
●
Buffer: This is the pointer to the characters to be transmitted
10.6
UART_Receive()
This routine is used to start receiving a given number of characters. It reads character by
character.
Table 16.
TxWatermarkLevel values
Option
Value
OneByEight
-
OneByFour
TX_FIFO_TRIG_1BY4
OneByTwo
TX_FIFO_TRIG_1BY2
ThreeByFour
TX_FIFO_TRIG_3BY4
SevenByEight
TX_FIFO_TRIG_7BY8
Table 17.
RxWatermarkLevel values
Option
Value
OneByEight
-
OneByFour
RX_FIFO_TRIG_1BY4
OneByTwo
RX_FIFO_TRIG_1BY2
ThreeByFour
RX_FIFO_TRIG_3BY4
SevenByEight
RX_FIFO_TRIG_7BY8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com