Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3147 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 3Page - STMicroelectronics AN3147 Datasheet HTML 4Page - STMicroelectronics AN3147 Datasheet HTML 5Page - STMicroelectronics AN3147 Datasheet HTML 6Page - STMicroelectronics AN3147 Datasheet HTML 7Page - STMicroelectronics AN3147 Datasheet HTML 8Page - STMicroelectronics AN3147 Datasheet HTML 9Page - STMicroelectronics AN3147 Datasheet HTML 10Page - STMicroelectronics AN3147 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID17035 Rev 3
7/25
AN3147
Power supply
24
2
Power supply
The STM8L/STM8AL families embed two regulators which provide a supply voltage
(VCORE) for the core and internal peripherals.
Figure 1. Power supply overview
1. If VDD is lower than 1.8 V, the 1.8 V domain is supplied by the voltage on the VDD input. For low power
modes where the LPVR is used, this domain is supplied by a 1.55 V voltage.
2. VDD between 1.8 V to 3.6 V for STM8L05xxx.
The main voltage regulator (MVR) provides a 1.8 V supply voltage. It has a high current
capability, as it can deliver up to 25 mA. However, the consumption of this regulator is higher
than the consumption of the low power regulator (LPVR). Consequently, the MVR is used
during a standard operation only.
The consumption of the LPVR is very low, as required for low power modes. The LPVR can
deliver up to 200 µA, providing 1.55 V to the digital part of the MCU.
After reset, the MVR provides a supply voltage (VCORE) to the internal digital parts of the
microcontroller. Depending on the functional mode, the MVR can be switched off. In this
case, the LPVR continues to provide the VCORE voltage.
The power supply is monitored by the POR/PDR (power-on reset/power-down reset) and
BOR (brown-out reset) system. This system ensures a proper startup and reset of the MCU,
while VDD is rising above the POR/BOR threshold. It resets the MCU when VDD is falling
below the PDR/BOR threshold. Correct device reset during power-on sequence is
guaranteed when tVDD[max] is respected. Use of internal BOR is recommended to ensure
correct device reset during power-down, when VPDR < VDD < VDD[min].
Note:
Analog peripherals require a power supply voltage above the PDR threshold (VDD > 1.8 V,
while VPDR = 1.5 V). In this case, it is recommended to use the BOR (Brownout reset) to
guarantee a proper functionality.
The BOR is not available in STM8L101xx devices. If needed, external circuitry shall be used
instead.
For better power monitoring, the STM8L15xxx, STM8L162xx, STM8AL31xx, and
STM8AL3Lxx provide a brown-out reset (BOR) and programmable power voltage detection
(PVD) for an earlier detection of voltage drop.
MS32164V1
Main voltage regulator
(MVR)
Low power voltage regulator
(LPVR)
I/Os
V
DD
1.65 V - 3.6 V
(2)
1.8 V domain
(1)
STM8 MCU core
CPU
RAM
Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com