Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3147 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 10Page - STMicroelectronics AN3147 Datasheet HTML 11Page - STMicroelectronics AN3147 Datasheet HTML 12Page - STMicroelectronics AN3147 Datasheet HTML 13Page - STMicroelectronics AN3147 Datasheet HTML 14Page - STMicroelectronics AN3147 Datasheet HTML 15Page - STMicroelectronics AN3147 Datasheet HTML 16Page - STMicroelectronics AN3147 Datasheet HTML 17Page - STMicroelectronics AN3147 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Run and low power modes
AN3147
14/25
DocID17035 Rev 3
4.3
Slowing down the clock frequency
In Run mode, choosing the clock frequency is very important to ensure the best compromise
between performance and consumption. The selection is done by programming the
prescaler registers. These prescalers can also be used to slow down peripherals before
entering low power modes.
Note:
Keep in mind the recommendations given in Section 3.4 about performance and ratio
between Run mode and Halt mode operation.
4.4
Peripheral clock gating (PCG)
You can use peripheral clock gating (PCG) for additional power saving. This can be done at
any time by selectively enabling or disabling the clock connection to individual peripherals
through the CLK_PCKENRx registers. These settings are effective both in Run and Wait
modes.
Note:
As all peripheral clocks are gated on STM8L and STM8AL devices after reset, it is
mandatory to enable the clock for a given peripheral before accessing any peripheral
register.
4.5
Execution from RAM
The code can be executed from RAM in order to save power consumption. However, due to
the difference between size of data & instruction bus from Flash (32-bit) and RAM (8-bit),
the performance is degraded when the execution is done from RAM. This is important to
take into account the performance and the ratio between Run/Halt operations.
In this mode, the Flash memory can be forced to IDDQ mode.
The following figure shows the different bus widths for Flash and RAM memories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com