Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3147 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 11Page - STMicroelectronics AN3147 Datasheet HTML 12Page - STMicroelectronics AN3147 Datasheet HTML 13Page - STMicroelectronics AN3147 Datasheet HTML 14Page - STMicroelectronics AN3147 Datasheet HTML 15Page - STMicroelectronics AN3147 Datasheet HTML 16Page - STMicroelectronics AN3147 Datasheet HTML 17Page - STMicroelectronics AN3147 Datasheet HTML 18Page - STMicroelectronics AN3147 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DocID17035 Rev 3
15/25
AN3147
Run and low power modes
24
Figure 2. STM8L and STM8AL architecture
4.6
Wait mode
The STM8L and STM8AL devices support two different Wait modes: WFI (Wait for interrupt)
and WFE (Wait for event). Both modes are designed to reduce STM8L and STM8AL device
power consumption by switching off the core when it is not used. Wait mode is mainly used
when the STM8L/STM8AL is waiting for an external or internal event so that the program
execution can continue.
The device can be switched to Wait mode instead of waiting for an Event in Run mode with:
While( ! Event );
This mode can be used with PCG and with a low speed clock source to further reduce the
power consumption of the device.
This mode offers the lowest wakeup time.
4.6.1
Entering Wait mode
Wait mode is entered by executing the WFI or WFE assembly instruction. This stops the
CPU, but other peripherals and the interrupt controller can continue to run. When entering
Wait mode, the global interrupts are automatically enabled.
Before entering WFI mode, at least one interrupt must be enabled.
Before entering WFE mode, at least one event source must be enabled.
D-Bus
Memory
Controller
Instruction
Memory
&
Data E
2
RAM
ITC
Debug
SWIM
STM8
CORE
32-bit
Peripherals
Interrupt
DMA
SWIM protocol
I-Bus
ai17845
8-bit
8-bit
8-bit
Interrupt control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com