Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3181 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 4Page - STMicroelectronics AN3181 Datasheet HTML 5Page - STMicroelectronics AN3181 Datasheet HTML 6Page - STMicroelectronics AN3181 Datasheet HTML 7Page - STMicroelectronics AN3181 Datasheet HTML 8Page - STMicroelectronics AN3181 Datasheet HTML 9Page - STMicroelectronics AN3181 Datasheet HTML 10Page - STMicroelectronics AN3181 Datasheet HTML 11Page - STMicroelectronics AN3181 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Compliance with IEC and VDE standards
AN3181
8/31
Doc ID 17286 Rev 2
safety standards are being harmonized to international safety standards. For example, the
UL 60335-1, the DSA 60335-1 and the EN 60335-1 are all documents which are based on
the IEC 60335-1. VDE also includes a Testing and Certification Institute which is a pioneer
of software safety inspection. This is a registered National Certification Body (NCB) for
Germany. The main purpose of this testing house is to offer standards compliance and
quality testing services for electrical appliance manufacturers. The STM8 FW in this
package has been VDE certified.
2.1
Generic tests included in the ST firmware library
STM8 firmware library packages include the following microcontroller specific software
modules, which have also been certified by VDE:
●
CPU registers test
●
clock monitoring
●
RAM functional check
●
FLASH checksum integrity check
●
watchdog self-test
●
stack overflow monitoring
An overview of the methods used for these MCU-specific tests is given in Table 3 and they
are described in more detail in the following chapters. The last two items from the list above
are not explicitly asked for by the norm, but they improve overall fault coverage.
Table 2.
MCU components to be tested for Class B compliance
Group
Components to be tested
Micro specific
CPU registers
CPU program counter
Clock
Fixed and variable memory spaces
Internal addressing
Internal data path
Application specific
Interrupt handling
External communication and addressing (if any)
Timing
I/O periphery
ADC and DAC
Analog multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com