Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3181 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 19Page - STMicroelectronics AN3181 Datasheet HTML 20Page - STMicroelectronics AN3181 Datasheet HTML 21Page - STMicroelectronics AN3181 Datasheet HTML 22Page - STMicroelectronics AN3181 Datasheet HTML 23Page - STMicroelectronics AN3181 Datasheet HTML 24Page - STMicroelectronics AN3181 Datasheet HTML 25Page - STMicroelectronics AN3181 Datasheet HTML 26Page - STMicroelectronics AN3181 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN3181
Class B solution structure
Doc ID 17286 Rev 2
23/31
Figure 11.
Periodic run mode self test initialization structure
4.4
Detailed description of periodic run mode self tests
4.4.1
Run time self tests structure
Run time self tests are performed periodically, their period is based on time base interrupt
settings. Before the first run, all tests must be initialized by run mode initialization routine
(refer to Figure 4). All tests are performed in the main loop level except partial transparent
RAM test, which is executed during the time base interrupt service. Some tests (analog,
communication peripherals and application interrupts) are not automatically included.
Depending on device capability and application needs, the user could implement them. The
following is the list of the run mode self tests:
CPU core partial run mode test
Stack boundaries overflow test
Clock run mode test
AD MUX self test (not implemented)
Interrupt rate test (not implemented)
communication peripherals test (not implemented)
Flash partial CRC test including evaluation of the complete test
IWDG and WWDG refresh
Partial transparent RAM March C-/X test (under system interrupt scope)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com