Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3013B Datasheet(PDF) 2 Page - Linear Technology

Part # LT3013B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013B Datasheet(HTML) 2 Page - Linear Technology

  LT3013B Datasheet HTML 1Page - Linear Technology LT3013B Datasheet HTML 2Page - Linear Technology LT3013B Datasheet HTML 3Page - Linear Technology LT3013B Datasheet HTML 4Page - Linear Technology LT3013B Datasheet HTML 5Page - Linear Technology LT3013B Datasheet HTML 6Page - Linear Technology LT3013B Datasheet HTML 7Page - Linear Technology LT3013B Datasheet HTML 8Page - Linear Technology LT3013B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3013B
2
3013bfb
IN Pin Voltage ........................................................ ±80V
OUT Pin Voltage..................................................... ±60V
IN to OUT Differential Voltage ................................ ±80V
ADJ Pin Voltage ....................................................... ±7V
CT Pin Voltage................................................. 7V, –0.5V
PWRGD Pin Voltage ...................................... 80V, –0.5V
Output Short-Circuit Duration ......................... Indefinite
ABSOLUTE MAXIMUM RATINGS
12
11
10
9
8
7
13
1
2
3
4
5
6
NC
IN
IN
NC
NC
CT
NC
OUT
OUT
ADJ
GND
PWRGD
TOP VIEW
DE PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 40°C/W, θJC = 16°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
17
GND
NC
OUT
OUT
ADJ
GND
PWRGD
GND
GND
NC
IN
IN
NC
NC
CT
GND
TJMAX = 125°C, θJA = 40°C/W, θJC = 16°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
Storage Temperature Range
TSSOP Package ................................ –65°C to 150°C
DFN Package..................................... –65°C to 125°C
Operating Junction Temperature Range
(Notes 3, 9, 10)..................................... –40°C to 125°C
Lead Temperature (Soldering, 10 sec)
TSSOP Only ..................................................... 300°C
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3013BEDE#PBF
LT3013BEDE#TRPBF
3013B
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3013BEFE#PBF
LT3013BEFE#TRPBF
3013BEFE
16-Lead Plastic TSSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3013BEDE
LT3013BEDE#TR
3013B
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3013BEFE
LT3013BEFE#TR
3013BEFE
16-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com