Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3013B Datasheet(PDF) 3 Page - Linear Technology

Part # LT3013B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013B Datasheet(HTML) 3 Page - Linear Technology

  LT3013B Datasheet HTML 1Page - Linear Technology LT3013B Datasheet HTML 2Page - Linear Technology LT3013B Datasheet HTML 3Page - Linear Technology LT3013B Datasheet HTML 4Page - Linear Technology LT3013B Datasheet HTML 5Page - Linear Technology LT3013B Datasheet HTML 6Page - Linear Technology LT3013B Datasheet HTML 7Page - Linear Technology LT3013B Datasheet HTML 8Page - Linear Technology LT3013B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3013B
3
3013bfb
ELECTRICAL CHARACTERISTICS
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 250mA
l
4
4.5
V
ADJ Pin Voltage (Notes 2, 3)
VIN = 4V, ILOAD = 1mA
4.5V < VIN < 80V, 1mA < ILOAD < 250mA
l
1.225
1.2
1.24
1.24
1.255
1.28
V
V
Line Regulation
ΔVIN = 4V to 80V, ILOAD = 1mA (Note 2)
l
0.1
5
mV
Load Regulation (Note 2)
VIN = 4.5V, ΔILOAD = 1mA to 250mA
VIN = 4.5V, ΔILOAD = 1mA to 250mA
l
7
12
25
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 4, 5)
ILOAD = 10mA
ILOAD = 10mA
l
160
230
300
mV
mV
ILOAD = 50mA
ILOAD = 50mA
l
250
340
420
mV
mV
ILOAD = 250mA
ILOAD = 250mA
l
400
490
620
mV
mV
GND Pin Current
VIN = 4.5V
(Notes 4, 6)
ILOAD = 0mA
ILOAD = 100mA
ILOAD = 250mA
l
l
65
3
10
120
18
μA
mA
mA
Output Voltage Noise
COUT = 10μF, ILOAD = 250mA, BW = 10Hz to 100kHz
100
μVRMS
ADJ Pin Bias Current
(Note 7)
30
100
nA
PWRGD Trip Point
% of Nominal Output Voltage, Output Rising
l
85
90
94
%
PWRGD Trip Point Hysteresis
% of Nominal Output Voltage
1.1
%
PWRGD Output Low Voltage
IPWRGD = 50μA
l
140
250
mV
CT Pin Charging Current
3.6
6
μA
CT Pin Voltage Differential
VCT(PWRGD High) – VCT(PWRGD Low)
1.6
V
Ripple Rejection
VIN = 7V(Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz, ILOAD = 250mA
65
75
dB
Current Limit
VIN = 7V, VOUT = 0V
VIN = 4.5V, ΔVOUT = –0.1V (Note 2)
l
270
400
mA
mA
Reverse Output Current (Note 8)
VOUT = 1.24V, VIN < 1.24V (Note 2)
12
25
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3013B is tested and specified for these conditions with the
ADJ pin connected to the OUT pin.
Note 3: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 4: To satisfy requirements for minimum input voltage, the LT3013B is
tested and specified for these conditions with an external resistor divider
(249k bottom, 549k top) for an output voltage of 4V. The external resistor
divider will add a 5μA DC load on the output.
Note 5: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to (VIN – VDROPOUT).
Note 6: GND pin current is tested with VIN = 4.5V and a current source
load. This means the device is tested while operating close to its dropout
region. This is the worst-case GND pin current. The GND pin current will
decrease slightly at higher input voltages.
Note 7: ADJ pin bias current flows into the ADJ pin.
Note 8: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 9: The LT3013BE is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
Note 10: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com