Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3013B Datasheet(PDF) 6 Page - Linear Technology

Part # LT3013B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013B Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3013B Datasheet HTML 2Page - Linear Technology LT3013B Datasheet HTML 3Page - Linear Technology LT3013B Datasheet HTML 4Page - Linear Technology LT3013B Datasheet HTML 5Page - Linear Technology LT3013B Datasheet HTML 6Page - Linear Technology LT3013B Datasheet HTML 7Page - Linear Technology LT3013B Datasheet HTML 8Page - Linear Technology LT3013B Datasheet HTML 9Page - Linear Technology LT3013B Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3013B
6
3013bfb
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation
Output Noise Spectral Density
10Hz to 100Hz Output Noise
Transition Response
Input Ripple Rejection
Input Ripple Rejection
Minimum Input Voltage
TEMPERATURE (°C)
–50
60
68
92
80
84
88
0
50
75
3013 G18
64
76
72
–25
25
100
125
VIN = 4.5V + 0.5VP-P RIPPLE AT f = 120Hz
IL = 250mA
VOUT = 1.24V
FREQUENCY (Hz)
10
40
50
60
70
80
100
1k
10k
100k
1M
3013 G19
30
20
10
0
90
100
VIN = 4.5V + 50mVRMS RIPPLE
ILOAD = 250mA
COUT = 10μF
COUT = 3.3μF
TEMPERATURE (°C)
–50
3.5
25
3013 G20
2.0
1.0
–25
0
50
0.5
0
4.0
3.0
2.5
1.5
75
100
125
ILOAD = 250mA
TEMPERATURE (°C)
–50
–4
–2
25
3013 G21
–12
–16
–25
0
50
–18
–20
0
–8
–6
–10
–14
75
100
125
IL = 1mA TO 250mA
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
3013 G22
0.01
100
10
COUT = 3.3μF
ILOAD = 250mA
VOUT
100μV/DIV
1ms/DIV
3013B G23
COUT = 10μF
IL = 250mA
VOUT = VADJ
TIME (μs)
0
–0.05
0.05
400
3013 G24
100
–0.10
–0.15
0
0.10
0.15
200
300
0
100
200
300
500
VIN = 6V
VOUT = 5V
CIN = 3.3μF CERAMIC
COUT = 3.3μF CERAMIC
ILOAD = 100mA TO 200mA
Reverse Output Current
TEMPERATURE (°C)
–50
25
3013 G17
20
10
–25
0
50
5
0
35
30
25
15
75
100
125
VIN = 0V
VOUT = VADJ = 1.24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com