Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3271 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 10Page - STMicroelectronics AN3271 Datasheet HTML 11Page - STMicroelectronics AN3271 Datasheet HTML 12Page - STMicroelectronics AN3271 Datasheet HTML 13Page - STMicroelectronics AN3271 Datasheet HTML 14Page - STMicroelectronics AN3271 Datasheet HTML 15Page - STMicroelectronics AN3271 Datasheet HTML 16Page - STMicroelectronics AN3271 Datasheet HTML 17Page - STMicroelectronics AN3271 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Various connections of push-buttons
AN3271
14/29
Doc ID 17933 Rev 2
6.3
Multiple button control
●
PB and SR inputs can be controlled by mechanical or electrical switches connected in
series or in parallel (see Figure 11 and Figure 12).
●
A reset circuitry with active low and open drain output is used as an example of an
electrical switch. This reset can monitor supply voltage other than VCC and trigger
power-down of an application if it drops below the voltage threshold.
Note:
Any output connected to PB or SR input must be open drain.
Figure 11.
Multiple button control
Figure 11 shows how two switches can be wired together to implement the AND function
requiring that both SR1 and SR2 be pressed to drive SR low.
In some applications, switches are packaged such that they share a common ground pin
and cannot be connected in that manner. Figure 12 shows how such switches can be used
to implement this active low AND function. In this case, a conventional OR gate is used.
When both its inputs are low, its output drives SR low.
Figure 12.
Adding external logic to implement more inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com