Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3271 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 18Page - STMicroelectronics AN3271 Datasheet HTML 19Page - STMicroelectronics AN3271 Datasheet HTML 20Page - STMicroelectronics AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics AN3271 Datasheet HTML 25Page - STMicroelectronics AN3271 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
High voltage connection
AN3271
22/29
Doc ID 17933 Rev 2
12
High voltage connection
Even if the maximum operating voltage of STM660x is 5.5 V, high voltage can be also
monitored based on the hookup shown in Figure 20. This extends the application scope to
devices such as notebooks, printers, network storages, etc. The supply voltage of the
application is limited by the maximum drain-source voltage of the P-channel transistor.
Figure 20.
High voltage connection
The STM660x device has active high enable output (EN).
The monitored voltage threshold is determined by resistors R1 and R2. The STM660x
current consumption has to be negligible compared to current through R1 and R2 in order to
not influence the monitored threshold (approx. 100 µA is recommended). The threshold
accuracy decreases with greater R1 and R2 resistors. With lower resistor values the
accuracy improves, but the overall current consumption increases.The value of resistors R1
and R2 can be calculated according to the following equation:
Equation 1
where
R1 is the first resistor of the voltage divider,
VSUPPLY–TH is the monitored threshold of the high voltage power supply,
VTH– is the undervoltage threshold of the STM660x,
I12 is the current through the R1/R2 divider.
R
1
V
SUPPLY
TH
V
TH –
l
12
---------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com