Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3271 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3271 Datasheet HTML 1Page - STMicroelectronics AN3271 Datasheet HTML 2Page - STMicroelectronics AN3271 Datasheet HTML 3Page - STMicroelectronics AN3271 Datasheet HTML 4Page - STMicroelectronics AN3271 Datasheet HTML 5Page - STMicroelectronics AN3271 Datasheet HTML 6Page - STMicroelectronics AN3271 Datasheet HTML 7Page - STMicroelectronics AN3271 Datasheet HTML 8Page - STMicroelectronics AN3271 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN3271
Basic functionality
Doc ID 17933 Rev 2
5/29
1
Basic functionality
1.1
Safe power-up
If the system is off, press the PB button to safely power up. EN output is asserted and power
for the application is enabled. Proper power-up has to be confirmed from a processor by
PSHOLD assertion, otherwise EN is deasserted.
1.2
Interrupt assertion
If the device is on, press the PB button to assert an interrupt to the processor. The
processor can then perform backup routines and prepare the application for shutdown,
reset, display the menu, etc.
1.3
Power-down after long push (optional)
If the application is not responding to the interrupt (e.g. program freezes), press the PB
button and SR button simultaneously to power down the application regardless of processor
response. The time needed for both buttons to be held is adjustable by external capacitor
CSRD.
Figure 2.
Simplified timing sequence for option “enable deasserted after long push”
1.
For successful power-up the battery voltage has to be above VTH+ threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com