Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3307 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 9Page - STMicroelectronics AN3307 Datasheet HTML 10Page - STMicroelectronics AN3307 Datasheet HTML 11Page - STMicroelectronics AN3307 Datasheet HTML 12Page - STMicroelectronics AN3307 Datasheet HTML 13Page - STMicroelectronics AN3307 Datasheet HTML 14Page - STMicroelectronics AN3307 Datasheet HTML 15Page - STMicroelectronics AN3307 Datasheet HTML 16Page - STMicroelectronics AN3307 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AN3307
Compliance with IEC and VDE standards
Doc ID 18186 Rev 4
13/37
3.2
Application-specific tests not included in the ST firmware
library
Users have to focus on all the remaining tests that cover application-specific MCU parts that
are not included in the ST firmware library:
●
Testing the analog blocks (AD/DA, multiplexer)
●
Testing the digital I/O
●
External Addressing
●
External communication
●
Timing and interrupts
The tests for the analog part depend on the application and peripheral capability of the
device. The pins used should be checked for correct analog intervals (by checking that the
measured voltages correspond to the real analog values) and free analog pins can be used
to read some reference voltages in conjunction with testing the analog multiplexers if they
are used in the application. The internal reference voltage should also be checked. Some
STM32 devices feature two (and some even three) independent ADC blocks. It make sense
to perform conversions on the same channel using two different ADC blocks for security
reasons.
Class B tests must also detect any malfunction of the digital I/Os. This could be covered by
plausibility checks together with some other application parts (for example, the change in an
analog signal from a temperature sensor should be checked when the heating/cooling digital
control is switched on/off). Selected port bits can be locked by applying the correct lock
sequence to the lock bit in the GPIOx_LCKR register to prevent unexpected changes to the
port configuration. Reconfiguration is only possible at the next reset sequence in this case.
In addition, the bit banding feature can be used for atomic manipulation of the SRAM and
peripheral registers.
Application interrupt occurrences and external communication flows should also be
checked. Different methods can be used: one method can use a set of incremental counters
with specific counters incremented by each interrupt or communication event. The values in
the counters are then checked periodically at given time intervals to make a cross-check
with an independent timebase. The number of events performed within the last period
should correspond to the application requirements. The configuration lock feature can be
used to secure the timer register settings with three levels controlled by the TIMx_BDTR
register.
Data exchange at communication sessions should be checked while including a redundant
information into the data packets. Parity, sync signals, CRC check sums, block repetition or
protocol numbering can be used for this purpose. Robust application software protocol
stacks like TCP/IP give higher level of protection, if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com