Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3307 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3307
Description  Guidelines for obtaining IEC 60335 Class B certification for any STM32 application
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3307 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3307 Datasheet HTML 27Page - STMicroelectronics AN3307 Datasheet HTML 28Page - STMicroelectronics AN3307 Datasheet HTML 29Page - STMicroelectronics AN3307 Datasheet HTML 30Page - STMicroelectronics AN3307 Datasheet HTML 31Page - STMicroelectronics AN3307 Datasheet HTML 32Page - STMicroelectronics AN3307 Datasheet HTML 33Page - STMicroelectronics AN3307 Datasheet HTML 34Page - STMicroelectronics AN3307 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AN3307
Class B solution structure
Doc ID 18186 Rev 4
31/37
5.4.2
CPU light runtime self-test
The light runtime CPU core self-tests is a simplified version of the runtime test described in
Section 5.4.1: Runtime self-test structure. The flags and stack pointers are not tested. If an
error code is returned the Fail Save procedure is called.
Figure 16.
CPU light runtime self-test structure
5.4.3
Stack boundaries runtime test
This test checks the magic pattern stored at the top of the space reserved for the stack. If
the original pattern is corrupted, the Fail Safe routine is called. The pattern is placed at the
lowest address reserved for the stack area. It can detect both overflow and underflow as the
stack pointer rolls over this range in either case. The stack area differs depending on the
specific microcontroller device type. Be careful of the stack area limits when the location of
the pattern is changed.
Figure 17.
Stack overflow runtime test structure
MS18902V1
Push R0 - R 13
Pop R0 – R13
Test OK
Fail Safe routine
Test R0 – R13
Fail
Verify ramp pattern R 0 – R13
Fail
Test OK
FailSafe () routine
Fail
Any
difference
?
Yes
No
AI18013
Check lower pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com