Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3342 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 2Page - STMicroelectronics AN3342 Datasheet HTML 3Page - STMicroelectronics AN3342 Datasheet HTML 4Page - STMicroelectronics AN3342 Datasheet HTML 5Page - STMicroelectronics AN3342 Datasheet HTML 6Page - STMicroelectronics AN3342 Datasheet HTML 7Page - STMicroelectronics AN3342 Datasheet HTML 8Page - STMicroelectronics AN3342 Datasheet HTML 9Page - STMicroelectronics AN3342 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Hardware requirements summary
AN3342
6/39
Doc ID 18461 Rev 3
1
Hardware requirements summary
To build an application around an STM8TL5xxx device, the application board should provide
the following features:
●
Power supply (mandatory)
●
Reset management (optional)
●
ProxSense line management (optional)
●
Debugging tool support: Single wire interface module (SWIM) connector (optional)
2
Power supply
2.1
Power supply overview
The STM8TL5xxx needs to be powered by a 1.65 V to 3.6 V external source.
An on-chip power management system provides the constant digital supply to the core logic,
both in normal and low power modes. This ensures that the logic consumes a constant
current level over the voltage range. It is also capable of detecting voltage drops and
generate a reset to avoid erratic behavior.
The STM8TL5xxx device provides:
●
One pair of power supply pins (VDD/VSS) for the main operating voltage (1.65 V to
3.6 V).
●
Another pair of power supply pins (depending of package) (VDDIO/VSSIO) for the IOs
(1.65 V to 3.6 V)
The STM8TL5xxx device manages the supply voltage needed by the ProxSense interface
by connecting a 1 µF capacitor low ESR (
 1 ) to the PXS_V
REG pin (see Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com