Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3342 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 4Page - STMicroelectronics AN3342 Datasheet HTML 5Page - STMicroelectronics AN3342 Datasheet HTML 6Page - STMicroelectronics AN3342 Datasheet HTML 7Page - STMicroelectronics AN3342 Datasheet HTML 8Page - STMicroelectronics AN3342 Datasheet HTML 9Page - STMicroelectronics AN3342 Datasheet HTML 10Page - STMicroelectronics AN3342 Datasheet HTML 11Page - STMicroelectronics AN3342 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Power supply
AN3342
8/39
Doc ID 18461 Rev 3
2.3
Power-on/power-down reset (POR/PDR)
The input supply to the main and low power regulators is monitored by a power-on/power-
down reset circuit. The monitoring voltage begins at 0.7 V.
During power-on, the POR/PDR keeps the device under reset until the supply voltage (VDD)
reach its specified working area. This internal reset is maintained for a period of ~1ms in
order to wait for supply stabilization.
At power-on, a defined reset should be maintained below 0.7 V. The upper threshold for a
reset release is defined in the electrical characteristics section of the product datasheets.
A hysteresis is implemented (POR > PDR) to ensure clean detection of voltage rise and fall.
The POR/PDR also generates a reset when the supply voltage drops below the VPOR/PDR
threshold (isolated and repetitive events).
Recommendations
All VDD and VSS pins including VDDIO and VSSIO need to be properly connected to the power
supplies. These connections, including pads, tracks and vias should have the lowest
possible impedance. This is typically achieved with thick track widths and preferably
dedicated power supply planes in multi-layer printed circuit boards (PCBs).
In addition, the power supply pair should be decoupled with filtering ceramic capacitors (C)
at 100 nF with one chemical C (1..2 µF) in parallel on the STM8TL5xxx device. The ceramic
capacitors should be placed as close as possible to the appropriate pins, or below the
appropriate pins, on the opposite side of the PCB. Typical values are 10 nF to 100 nF, but
exact values depend on the application needs. Figure 2 shows the typical layout of such a
VDD/VSS pair.
Figure 2.
Typical layout of VDD/VSS pair
Via to VSS
Via to VDD
Cap
.
VDD VSS
STM8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com