Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3375 Datasheet(PDF) 55 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 51Page - STMicroelectronics AN3375 Datasheet HTML 52Page - STMicroelectronics AN3375 Datasheet HTML 53Page - STMicroelectronics AN3375 Datasheet HTML 54Page - STMicroelectronics AN3375 Datasheet HTML 55Page - STMicroelectronics AN3375 Datasheet HTML 56Page - STMicroelectronics AN3375 Datasheet HTML 57Page - STMicroelectronics AN3375 Datasheet HTML 58Page - STMicroelectronics AN3375 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
AN3375
M24LRXX-R Layer
Doc ID 018637 Rev 1
55/73
4
M24LRXX-R Layer
The M24LRXX-R layer is composed of:
●
the lib_M24LRXX.c source file
●
the lib_M24LRXX.h include file
4.1
Overview
The library includes all the commands defined in the M24LRXX-R datasheets. Since
M24LRXX-R devices are compliant with ISO15693 specifications, several functions of the
M24LRXX-R layer are identical to ISO15693 functions.
4.1.1
CRC management
The two-byte CRC can be either computed by the user or by the CR95HF device, depending
on the value of the AppendCRC input parameter.
●
If AppendCRC input parameter is set to ‘0’, the two-byte CRC is calculated by the user
application.
●
If AppendCRC input parameter is set to ‘1’, the two-byte CRC is calculated by the
CR95HF. This configuration is recommended to avoid calculation errors.
The CRC16 input parameter is appended to the ISO15693 command when the user has
chosen to manage the CRC.
4.1.2
Request flag management
The request flag byte is managed by the user application. Each bit or flag specifies the
actions to be performed by the contactless tag and whether the corresponding fields are
present or not. Bit 3 (Inventory_flag) of the request flag defines the contents of the 4 MSBs
(bits 5 to 8). When bit 3 is reset (0), bits 5 to 8 define the contactless tag selection criteria.
When bit 3 is set (1), bits 5 to 8 define the contactless tag Inventory parameters.
For more information, please refer to ISO15693 specification and to the M24LRXX-R
datasheets.
4.1.3
Request flags and CR95HF_ProtocolSelect functions
The CR95HF_ProtocolSelect function (defined into CR95HF layer) selects the RF protocol
and defines for CR95HF device, datarate and contactless tag response format (single or
double subcarrier). Once the protocol and the RF parameters are configured, the CR95HF
is able to decode only contactless tag responses with same format and datarate.
The datarate and contactless tag response format are also defined in the request flag byte
of each command. The user application must ensure that the datarate and subcarrier flags
match the CR95HF_ProtocolSelect function parameters. This check is performed by the
ISO15693 layer functions. If the parameters do not match, the functions are not executed
and the corresponding commands are not sent to the CR95HF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com