Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3375 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 18Page - STMicroelectronics AN3375 Datasheet HTML 19Page - STMicroelectronics AN3375 Datasheet HTML 20Page - STMicroelectronics AN3375 Datasheet HTML 21Page - STMicroelectronics AN3375 Datasheet HTML 22Page - STMicroelectronics AN3375 Datasheet HTML 23Page - STMicroelectronics AN3375 Datasheet HTML 24Page - STMicroelectronics AN3375 Datasheet HTML 25Page - STMicroelectronics AN3375 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
ISO15693 library (intermediate layer)
AN3375
22/73
Doc ID 018637 Rev 1
3.1.3
Request flag management
The request flags byte is managed by the user application. Each bit or flag specifies the
actions to be performed by the contactless tag and whether the corresponding fields are
present or not.
Bit 3 (Inventory_flag) of the request flag defines the contents of the 4 MSBs (bits 5 to 8).
When bit 3 is reset (0), bits 5 to 8 contain the contactless tag selection criteria. When bit 3 is
set (1), bits 5 to 8 define the contactless tag Inventory parameters.
For more information, please refer to ISO15693 specification or to the M24LRXX-R
datasheets.
Request flags and CR95HF_ProtocolSelect functions
The CR95HF_ProtocolSelect function (see Section 2.3.3) selects the RF protocol and
defines the CR95HF datarate and contactless tag response format (single or double
subcarrier). Once the protocol and the RF parameters are configured, the CR95HF can
decode only contactless tag responses of same format and datarate.
The datarate and contactless tag response format are also defined in the request flag byte
of each ISO15693 command. The user application must ensure that the datarate and
subcarrier flags match the CR95HF_ProtocolSelect function parameters. This check is
performed by the functions of the ISO15693 layer. If the parameters do not match, the
functions are not executed and the corresponding commands are not sent to the CR95HF.
3.1.4
Command code and data management
The command code is given by the function while data are managed by the user application.
3.2
ISO15693 functions
The CR95HF library includes all the commands defined in ISO/IEC FCD 15693-3
specifications. For more information, refer to the ISO15693 specifications.
The table below lists all the functions of the ISO15693 layer.
Table 21.
ISO15693 functions
Function name
Brief description
CRC management functions
ISO15693_CRC16
Compute CRC according to ISO15693
specification
ISO15693_IsCorrectCRC16Residue
Checks CRC residue according to ISO15693
specification
ISO15693 command functions
ISO15693_CreateRequestFlag
Create a request flags
ISO15693_Inventory
Sends an inventory command
ISO15693_InventoryOneSlot
Sends an inventory command 1 slot command
ISO15693_Inventory16Slots
Send an inventory command 16 slots command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com