Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3375 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 22Page - STMicroelectronics AN3375 Datasheet HTML 23Page - STMicroelectronics AN3375 Datasheet HTML 24Page - STMicroelectronics AN3375 Datasheet HTML 25Page - STMicroelectronics AN3375 Datasheet HTML 26Page - STMicroelectronics AN3375 Datasheet HTML 27Page - STMicroelectronics AN3375 Datasheet HTML 28Page - STMicroelectronics AN3375 Datasheet HTML 29Page - STMicroelectronics AN3375 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
ISO15693 library (intermediate layer)
AN3375
26/73
Doc ID 018637 Rev 1
3.4
ISO15693 command functions
This section provides a detailed description of the library functions which send ISO15693
commands. These functions use the CR95HF_SendRecv function of the CR95HF layer (low
level layer) to send commands to a contactless tag and return the tag response.
The output parameter pResponse of the ISO15693 command functions is a pointer to the
CR95HF response (see Section 2.3.4: SendRecv function for a detailed description of the
response format).
3.4.1
ISO15693_CreateRequestFlag function
This command creates the request flags.
Table 24.
ISO15693_CreateRequestFlag function description
Function description
Prototype
result = int8_t ISO15693_CreateRequestFlag
(uc8 SubCarrierFlag,uc8 DataRateFlag,uc8
InventoryFlag,uc8 ProtExtFlag,uc8
SelectOrAFIFlag,uc8 AddrOrNbSlotFlag,uc8
OptionFlag,uc8 RFUFlag);
Input parameter(1)
1.
The input parameters are described in the ISO15693 specification and are defined in ISO15693.h.
SubCarrierFlag: single or double subcarrier
0: single subcarrier
1: double subcarrier
DataRateFlag: contactless tag reply data rate
0: 6 Kbps
1: 26 Kbps
InventoryFlag:
1: for inventory command
0: otherwise
ProtExtFlag: protocol extension flag
SelectOrAFIFlag: Select or AFI flag (depending of inventory flag)
AddrOrNbSlotFlag: Add or number of slot flag (depending of
inventory flag)
OptionFlag: Option flag
RFUFlag: RFU flag
Output parameter
None
Return parameter
Request flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com