Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3427 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 8Page - STMicroelectronics AN3427 Datasheet HTML 9Page - STMicroelectronics AN3427 Datasheet HTML 10Page - STMicroelectronics AN3427 Datasheet HTML 11Page - STMicroelectronics AN3427 Datasheet HTML 12Page - STMicroelectronics AN3427 Datasheet HTML 13Page - STMicroelectronics AN3427 Datasheet HTML 14Page - STMicroelectronics AN3427 Datasheet HTML 15Page - STMicroelectronics AN3427 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Peripheral migration
AN3427
12/52
Doc ID 019001 Rev 1
3.2
System architecture
STM32 F2 series are a new generation on STM32 with significant improvement in features
and performance with outstanding results: 150DMIPS at 120MHz and execution from Flash
equivalent to 0-wait state performance.
3.2.1
32-bit multi-AHB bus matrix
The 32-bit multi-AHB bus matrix interconnects all masters (CPU, DMA controllers, Ethernet,
USB HS) and slaves (Flash memory, 2 blocks of RAM, FSMC, AHB and APB peripherals)
and ensures seamless and efficient operation even when several high-speed peripherals
are working simultaneously. For instance, the core can access the Flash through the ART
Accelerator and the 112-Kbyte SRAM, while the DMA2 controller is transferring data from
the camera interface located on the AHB2 peripheral bus to an LCD connected to the
FSMC, and while the USB OTG High Speed interface is storing received data in the 16-
Kbyte SRAM block.
Figure 4.
STM32 F2 series system architecture
3.2.2
Adaptive real-time memory accelerator (ART Accelerator™)
To free the full performance of the Cortex-M3 core, ST has developed a leading-edge 90 nm
process and a unique technology, the adaptive real-time ART Accelerator™. To release the
processor full 150 DMIPS performance at this frequency, the accelerator implements an
instruction prefetch queue and branch cache which increases program execution speed
from the 128-bit Flash memory. Based on the CoreMark benchmark, the performance
achieved thanks to the ART accelerator is equivalent to 0 wait state program execution from
Flash memory at a CPU frequency up to 120 MHz.
By default (after each device reset) the prefetch queue and branch cache are disabled, the
user can enable them using the PRFTEN, ICEN and DCEN bits in the FLASH_ACR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com