Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3427 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 15Page - STMicroelectronics AN3427 Datasheet HTML 16Page - STMicroelectronics AN3427 Datasheet HTML 17Page - STMicroelectronics AN3427 Datasheet HTML 18Page - STMicroelectronics AN3427 Datasheet HTML 19Page - STMicroelectronics AN3427 Datasheet HTML 20Page - STMicroelectronics AN3427 Datasheet HTML 21Page - STMicroelectronics AN3427 Datasheet HTML 22Page - STMicroelectronics AN3427 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AN3427
Peripheral migration
Doc ID 019001 Rev 1
19/52
Table 5. below provides an example of porting a system clock configuration from F1 to F2
series:
–
STM32F105/7 Connectivity Line running at maximum performance: system clock
at 72 MHz (PLL, clocked by the HSE, used as system clock source), Flash with 2
wait states and Flash prefetch queue enabled.
–
F2 series running at maximum performance: system clock at 120 MHz (PLL,
clocked by the HSE, used as system clock source), Flash with 3 wait states, Flash
prefetch queue and branch cache enabled.
As shown in the table below, only the Flash settings and PLL parameters (code in Bold
Italic) need to be rewritten to run on F2 series. However, HSE, AHB prescaler and system
clock source configuration are left unchanged, and the APB’s prescalers are adapted to the
maximum APB frequency in the F2 series.
Note:
1
The source code presented in the table below is intentionally simplified (time-out in wait loop
removed) and is based on the assumption that the RCC and Flash registers are at their
reset values.
2
For STM32F2xx you can use the clock configuration tool,
STM32F2xx_Clock_Configuration.xls, to generate a customized system_stm32f2xx.c file
containing a system clock configuration routine, that you adapt to your application
requirements. For more information, refer to AN3362 “Clock configuration tool for
STM32F2xx microcontrollers”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com