Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3433 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 4Page - STMicroelectronics AN3433 Datasheet HTML 5Page - STMicroelectronics AN3433 Datasheet HTML 6Page - STMicroelectronics AN3433 Datasheet HTML 7Page - STMicroelectronics AN3433 Datasheet HTML 8Page - STMicroelectronics AN3433 Datasheet HTML 9Page - STMicroelectronics AN3433 Datasheet HTML 10Page - STMicroelectronics AN3433 Datasheet HTML 11Page - STMicroelectronics AN3433 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Management of CR95HF or STRFNFCA activity
AN3433
8/34
Doc ID 019046 Rev 2
Table 4.
Idle command description
Direction
Data
Comments
Example
Host to
CR95HF or
STRFNFCA
07
Command code
Example of switch from Active
mode to Hibernate state:
>>>0x07 0E 08 04 00 04
00 18 00 00 00 00 00 00
00 00
Example of switch from Active
to WFE mode (wakeup by low
pulse on IRQ_IN pin):
>>>0x07 0E 08 01 00 38
00 18 00 00 00 00 00 00
00 00
Example of switch from Active
to WFE mode (wakeup by low
pulse on SPI_SS pin):
>>>0x07 0E 10 01 00 38
00 18 00 00 00 00 00 00
00 00
Example of wakeup by timeout
(7 seconds):
Duration before Timeout = 256
* tL * (WU period + 2) *
(MaxSleep + 1)
>>>0x07 0E 01 21 00 38
00 18 00 60 60 00 00 00
00 08
Example of switch from Active
to Tag Detector mode (wakeup
by tag detection or low pulse
on IRQ_IN pin) (32 kHz,
inactivity duration = 272 ms,
DAC oscillator = 3 ms, Swing
= 63 pulses of 13.56 MHz),
0A
= Infinite sequence,
0B = Until
TimeOut:
>>>0x07 0E 0A 21 00 79
01 18 00 20 60 60 64 74
3F 08
Example of a basic Idle
command used during the Tag
Detection Calibration process:
>>>0x07 0E 03 A1 00 F8
01 18 00 20 60 60 00 xx
3F 01
where
xx is the DacDataH
value.
0E
Length of data
<WU Source>
Specifies authorized wakeup
sources and the LFO frequency
EnterCtrlL
Settings to enter WFE mode
EnterCtrlH
WUCtrlL
Settings to wake up from WFE
mode
WUCtrlH
LeaveCtrlL
Settings to leave WFE mode
(Default value = 0x1800)
LeaveCtrlH
<WUPeriod>
Period of time between two tag
detection bursts. Also used to
specify the duration before
timeout.
<OscStart>
Defines the Wait time for HFO to
stabilize: <OscStart> * tL
(Default value = 0x60)
<DacStart>
Defines the Wait time for DAC to
stabilize: <DacStart> * tL
(Default value = 0x60)
<DacDataL>
Lower compare value for tag
detection (1).
This value must be set to
0x00
during Tag Detection
Calibration.
<DacDataH>
Higher compare value for tag
detection (1).
This is a variable used during
Tag Detection Calibration.
<SwingsCnt>
Number of swings HF during tag
detection (Default value = 0x3F)
<MaxSleep>
Max. number of tag detection
trials before timeout (1).
This value must be set to
0x01
during Tag Detection
Calibration.
Also used to specify duration
before timeout.
MaxSleep must be:
0x00 < MaxSleep < 0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com