Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3433 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 18Page - STMicroelectronics AN3433 Datasheet HTML 19Page - STMicroelectronics AN3433 Datasheet HTML 20Page - STMicroelectronics AN3433 Datasheet HTML 21Page - STMicroelectronics AN3433 Datasheet HTML 22Page - STMicroelectronics AN3433 Datasheet HTML 23Page - STMicroelectronics AN3433 Datasheet HTML 24Page - STMicroelectronics AN3433 Datasheet HTML 25Page - STMicroelectronics AN3433 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Tag detection principle
AN3433
22/34
Doc ID 019046 Rev 2
Appendix A
Tag detection principle
The Tag Detection process requires the temporary use of internal resources such as the
13.56 MHz HF oscillator or the DAC which are usually switched off in WFE mode and only
turned on during an RF burst emission to determine if tag entered the device operating
range.
To detect the presence of a tag, the device measures a portion of the device antenna’s
current using the DAC (DacLevel) and compares this value to a reference value (CalRef)
determined in the same way when the application is initialized.
To do this, once the HF oscillator is stabilized, the device emits an RF burst and monitors its
antenna current using its internal 64-bit DAC. This result is then compared to a reference
value established during the Tag Detection Calibration phase.
The device is initially calibrated by the user application in a free-air environment (no tags
present) in order to obtain a reference value (CalRef) that corresponds to the basic
threshold of its comparator.
When a new measurement of the antenna’s current results in a value different from the
CalRef value, a tag is probably present in the RF field.
To reduce the margin of error for false detections, in addition to comparing the value of the
measured antenna current (DacLevel) to the reference value (CalRef), the device checks
that the measured value is within a given range:
DacDataL < DacLevel < DacDataH
Using range limits ensures a stable Tag Detection process. We usually choose:
DacDataL = CalRef – 0x08 and DacDataH = CalRef + 0x08
The parameters that define measurement resources, oscillator and DAC setup times or RF
burst duration, can be individually adjusted within the Idle command parameters, but they
must remain unchanged between the calibration and tag detection periods.
We recommend for the HF oscillator and DAC stabilization times (OscStart and DacStart,
respectively) using a minimum value of 0x60 that corresponds to a duration of 3 ms
(96 * tLFO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com