Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3433 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 5Page - STMicroelectronics AN3433 Datasheet HTML 6Page - STMicroelectronics AN3433 Datasheet HTML 7Page - STMicroelectronics AN3433 Datasheet HTML 8Page - STMicroelectronics AN3433 Datasheet HTML 9Page - STMicroelectronics AN3433 Datasheet HTML 10Page - STMicroelectronics AN3433 Datasheet HTML 11Page - STMicroelectronics AN3433 Datasheet HTML 12Page - STMicroelectronics AN3433 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AN3433
Management of CR95HF or STRFNFCA activity
Doc ID 019046 Rev 2
9/34
2.3
Idle command parameters
The Idle command (Host to device) has the following structure (all values are hexadecimal):
CR95HF or
STRFNFCA
to Host
0x00
Result code
This response is sent only
when CR95HF or STRFNFCA
exits WFE mode.
<<<0x000101 Wakeup by
timeout
<<<0x000102 Wakeup by
tag detect
<<<0x000108 Wakeup by
low pulse on IRQ_IN pin
0x01
Length of data
<Data>
Data (Wakeup source)
CR95HF or
STRFNFCA
to Host
0x82
Error code
<<<0x8200
Invalid command
length
0x00
Length of data
1.
An initial calibration is necessary to determine DacDataL and DacDataH values required for leaving Tag
Detector state. For more information, contact your ST sales office for the corresponding application note.
Table 4.
Idle command description (continued)
Direction
Data
Comments
Example
Table 5.
Idle command structure
07
0E
xx
yy zz
yy zz
yy zz
aa
bb
cc
dd ee
ff
gg
Comma
nd code
Data
length
WU
source
Enter
Control
WU
Control
Leave
Control
WU
Period
Osc
Start
DAC
Start
DAC
Data
Swing
Count
Max
Sleep
Table 6.
Summary of parameters
Parameter
Description
Command code
This byte is the command code. ‘07’ represents the Idle command. This
command switches the device from Active mode to WFE mode.
Data length
This byte is the length of the command in bytes. Its value depends on the
following parameter values.
WU Source
This byte defines the authorized wakeup sources in the wakeup source
register. Predefined values are:
01: Time out
02: Tag Detection
08: Low pulse on IRQ_IN
10: Low pulse on SPI_SS
Enter Control
These two bytes (EnterCtrlL and EnterCtrlH) define the resources when
entering WFE mode.
0x0400: Hibernate
0x0100: Sleep (or 0x2100 if Timer source is enabled)
0xA100: Tag Detector Calibration
0x2100: Tag detection
WU Control
These two bytes (WuCtrlL and WuCtrlH) define the wakeup resources.
0x0400: Hibernate
0x3800: Sleep
0xF801: Tag Detector Calibration
0x7901: Tag detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com